| 전자부품 데이터시트 검색엔진 |
|
STM32F302C8 데이터시트(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F302C8 데이터시트(HTML) 45 Page - STMicroelectronics |
|
45 / 138 page ![]() Table 14. Alternate functions for Port B Port & pin name PB0 - - - TSC _G3_IO2 -- TIM1 _CH2N -- -- - - - - EVENT OUT PB1 - - - TSC _G3_IO3 -- TIM1 _CH3N - COMP4_ OUT - - --- - EVENT OUT PB2 TSC _G3_IO4 - --- -- -- - - - EVENT OUT PB3 JTDO- TRACE SWO TIM2 _CH2 - TSC _G5_IO1 -- SPI3_SC K/I2S3_ CK USART2 _TX -- -- - - - EVENT OUT PB4 JTRST TIM16 _CH1 - TSC _G5_IO2 -- SPI3_MI SO/I2S3 _SD USART2 _RX -- TIM17 _BKIN --- - EVENT OUT PB5 - TIM16 _BKIN -- I2C1 _SMBAl - SPI3 _MOSI/ I2S3ext_ SD USART2 _CK I2C3 _SDA - TIM17 _CH1 --- - EVENT OUT PB6 - TIM16 _CH1N - TSC _G5_IO3 I2C1 _SCL -- USART1 _TX -- -- - - - EVENT OUT PB7 - TIM17 _CH1N - TSC _G5_IO4 I2C1 _SDA -- USART1 _RX -- -- - - - EVENT OUT PB8 - TIM16 _CH1 - TSC _SYNC I2C1 _SCL -- USART3 _RX - CAN _RX -- TIM1 _BKIN -- EVENT OUT |