| 전자부품 데이터시트 검색엔진 |
|
STM32F303R8 데이터시트(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303R8 데이터시트(HTML) 35 Page - STMicroelectronics |
|
35 / 115 page ![]() DocID025083 Rev 5 35/115 STM32F303x6/x8 Pinout and pin descriptions 43 12 16 22 PA6(3) I/O TTa TIM16_CH1, TIM3_CH1, TSC_G2_IO3, SPI1_MISO, TIM1_BKIN, , EVENTOUT ADC2_IN3(2), DAC2_OUT1, OPAMP2_VOUT 13 17 23 PA7 I/O TTa TIM17_CH1, TIM3_CH2, TSC_G2_IO4, SPI1_MOSI, TIM1_CH1N, EVENTOUT ADC2_IN4(2), COMP2_INP, OPAMP2_VINP - - 24 PC4 I/O TTa EVENTOUT, TIM1_ETR, USART1_TX ADC2_IN5(2) - - 25 PC5 I/O TTa EVENTOUT, TIM15_BKIN, TSC_G3_IO1, USART1_RX ADC2_IN11, OPAMP2_VINM 14 18 26 PB0 I/O TTa TIM3_CH3, TSC_G3_IO2, TIM1_CH2N, EVENTOUT ADC1_IN11, COMP4_INP, OPAMP2_VINP 15 19 27 PB1 I/O TTa TIM3_CH4, TSC_G3_IO3, TIM1_CH3N, COMP4_OUT, EVENTOUT ADC1_IN12 - 20 28 PB2 I/O TTa TSC_G3_IO4, EVENTOUT ADC2_IN12, COMP4_INM - 21 29 PB10 I/O TT TIM2_CH3, TSC_SYNC, USART3_TX, EVENTOUT - - 22 30 PB11 I/O TTa TIM2_CH4, TSC_G6_IO1, USART3_RX, EVENTOUT COMP6_INP 16 23 31 VSS S - Digital ground 17 24 32 VDD S - Digital power supply - 25 33 PB12 I/O TTa TSC_G6_IO2, TIM1_BKIN, USART3_CK, EVENTOUT ADC2_IN13 - 26 34 PB13 I/O TTa TSC_G6_IO3, TIM1_CH1N, USART3_CTS, EVENTOUT ADC1_IN13 - 27 35 PB14 I/O TTa TIM15_CH1, TSC_G6_IO4, TIM1_CH2N, USART3_RTS_DE, EVENTOUT ADC2_IN14, OPAMP2_VINP Table 14. STM32F303x6/8 pin definitions (continued) Pin Number Pin name (function after reset) Pin functions LQFP 32 LQFP 48 LQFP 64 Alternate functions Additional functions |