| 전자부품 데이터시트 검색엔진 |
|
STM32F401XD 데이터시트(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401XD 데이터시트(HTML) 46 Page - STMicroelectronics |
|
46 / 135 page ![]() PB0 - TIM1_CH2N TIM3_CH3 - - - - - - - - - - - - EVENT OUT PB1 - TIM1_CH3N TIM3_CH4 - - - - - - - - - - - - EVENT OUT PB2 - - - - - - - - - - - - - - - EVENT OUT PB3 JTDO- SWO TIM2_CH2 - - - SPI1_SCK SPI3_SCK/ I2S3_CK - - I2C2_SDA - - - - - EVENT OUT PB4 JTRST - TIM3_CH1 - - SPI1_ MISO SPI3_MISO I2S3ext_S D -I2C3_SDA - - - - - EVENT OUT PB5 - - TIM3_CH2 - I2C1_ SMBA SPI1 _MOSI SPI3_MOSI/ I2S3_SD -- - - - - - - EVENT OUT PB6 - - TIM4_CH1 - I2C1_SCL - - USART1_ TX -- - - - - - EVENT OUT PB7 - - TIM4_CH2 - I2C1_SDA - - USART1_ RX -- - - - - - EVENT OUT PB8 - - TIM4_CH3 TIM10_CH1 I2C1_SCL - - - - - - - SDIO_ D4 -- EVENT OUT PB9 - - TIM4_CH4 TIM11_CH1 I2C1_SDA SPI2_NSS/I 2S2_WS -- - - - - SDIO_ D5 -- EVENT OUT PB10 - TIM2_CH3 - - I2C2_SCL SPI2_SCK/I 2S2_CK -- - - - - - - - EVENT OUT PB12 - TIM1_BKIN - - I2C2_ SMBA SPI2_NSS/I 2S2_WS -- - - - - - - - EVENT OUT PB13 - TIM1_CH1N - - - SPI2_SCK/I 2S2_CK -- - - - - - - - EVENT OUT PB14 - TIM1_CH2N - - - SPI2_MISO I2S2ext_SD - - - - - - - - EVENT OUT PB15 RTC_ REFN TIM1_CH3N - - - SPI2_MOSI /I2S2_SD -- - - - - - - - EVENT OUT Table 9. Alternate function mapping (continued) Port AF00 AF01 AF02 AF03 AF04 AF05 AF06 AF07 AF08 AF09 AF10 AF11 AF12 AF13 AF14 AF15 SYS_AF TIM1/TIM2 TIM3/ TIM4/ TIM5 TIM9/ TIM10/ TIM11 I2C1/I2C2/ I2C3 SPI1/SPI2/ I2S2/SPI3/ I2S3/SPI4 SPI2/I2S2/ SPI3/ I2S3 SPI3/I2S3/ USART1/ USART2 USART6 I2C2/ I2C3 OTG1_FS SDIO |