| 전자부품 데이터시트 검색엔진 |
|
STM32L15xRC 데이터시트(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L15xRC 데이터시트(HTML) 43 Page - STMicroelectronics |
|
43 / 136 page ![]() DocID022799 Rev 12 43/136 STM32L151xC STM32L152xC Pin descriptions 51 E11 64 38 E1 - PC7 I/O FT PC7 TIM3_CH2/I2S3_MCK/ LCD_SEG25 - E10 65 39 D1 - PC8 I/O FT PC8 TIM3_CH3/LCD_SEG26 - D12 66 40 E2 - PC9 I/O FT PC9 TIM3_CH4/LCD_SEG27 - D11 67 41 E3 29 PA8 I/O FT PA8 USART1_CK/MCO/ LCD_COM0 - D10 68 42 C1 30 PA9 I/O FT PA9 USART1_TX/ LCD_COM1 - C12 69 43 D2 31 PA10 I/O FT PA10 USART1_RX/ LCD_COM2 - B12 70 44 B1 32 PA11 I/O FT PA11 USART1_CTS/ SPI1_MISO USB_DM A12 71 45 D3 33 PA12 I/O FT PA12 USART1_RTS/ SPI1_MOSI USB_DP A11 72 46 C2 34 PA13 I/O FT JTMS- SWDIO JTMS-SWDIO - C11 73 - - - PH2 I/O FT PH2 - - F11 74 47 A1 35 VSS_2 S- VSS_2 -- G11 75 48 B2 36 VDD_2 S- VDD_2 -- A10 76 49 C3 37 PA14 I/O FT JTCK- SWCLK JTCK-SWCLK - A9 77 50 A2 38 PA15 I/O FT JTDI TIM2_CH1_ETR/ SPI1_NSS/ SPI3_NSS/I2S3_WS/ LCD_SEG17/JTDI - B11 78 51 B3 - PC10 I/O FT PC10 SPI3_SCK/I2S3_CK/ USART3_TX/ LCD_SEG28/ LCD_SEG40/ LCD_COM4 - Table 9. STM32L151xC and STM32L152xC pin definitions (continued) Pins Pin name Main function(2) (after reset) Pin functions Alternate functions Additional functions |