| 전자부품 데이터시트 검색엔진 |
|
STM32F765BI 데이터시트(PDF) 99 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F765BI 데이터시트(HTML) 99 Page - STMicroelectronics |
|
99 / 255 page ![]() Port F PF0 - - - - I2C2_SD A - - - - - - - FMC_A0 - - EVEN TOUT PF1 - - - - I2C2_SC L - - - - - - - FMC_A1 - - EVEN TOUT PF2 - - - - I2C2_SM BA - - - - - - - FMC_A2 - - EVEN TOUT PF3 - - - - - - - - - - - - FMC_A3 - - EVEN TOUT PF4 - - - - - - - - - - - - FMC_A4 - - EVEN TOUT PF5 - - - - - - - - - - - - FMC_A5 - - EVEN TOUT PF6 - - - TIM10_C H1 - SPI5_NS S SAI1_SD _B - UART7_ Rx QUADSP I_BK1_IO 3 - - --- EVEN TOUT PF7 - - - TIM11_CH 1 - SPI5_SC K SAI1_M CLK_B - UART7_T x QUADSP I_BK1_IO 2 - - --- EVEN TOUT PF8 - - - - - SPI5_MI SO SAI1_SC K_B - UART7_ RTS TIM13_C H1 QUADSPI _BK1_IO0 - --- EVEN TOUT PF9 - - - - - SPI5_M OSI SAI1_FS _B - UART7_ CTS TIM14_C H1 QUADSPI _BK1_IO1 - --- EVEN TOUT PF10 - - - - - - - - - QUADSP I_CLK -- - DCMI_D 11 LCD_DE EVEN TOUT PF11 - - - - - SPI5_M OSI - --- SAI2_SD_ B - FMC_SD NRAS DCMI_D 12 - EVEN TOUT Table 12. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS I2C4/UA RT5/TIM 1/2 TIM3/4/5 TIM8/9/10/ 11/LPTIM 1/DFSDM 1/CEC I2C1/2/3/ 4/USART 1/CEC SPI1/I2S 1/SPI2/I2 S2/SPI3/ I2S3/SPI 4/5/6 SPI2/I2S 2/SPI3/I2 S3/SAI1/ I2C4/UA RT4/DF SDM1 SPI2/I2S 2/SPI3/I2 S3/SPI6/ USART1/ 2/3/UART 5/DFSDM 1/SPDIF SPI6/SAI 2/USART 6/UART4/ 5/7/8/OT G_FS/SP DIF CAN1/2/T IM12/13/ 14/QUAD SPI/FMC/ LCD SAI2/QU ADSPI/S DMMC2/D FSDM1/O TG2_HS/ OTG1_FS /LCD I2C4/CAN 3/SDMM C2/ETH UART7/ FMC/SD MMC1/M DIOS/OT G2_FS DCMI/L CD/DSI LCD SYS |