전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L062K8 데이터시트(PDF) 41 Page - STMicroelectronics

부품명 STM32L062K8
상세설명  Ultra-low-power platform
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L062K8 데이터시트(HTML) 41 Page - STMicroelectronics

Back Button STM32L062K8 Datasheet HTML 37Page - STMicroelectronics STM32L062K8 Datasheet HTML 38Page - STMicroelectronics STM32L062K8 Datasheet HTML 39Page - STMicroelectronics STM32L062K8 Datasheet HTML 40Page - STMicroelectronics STM32L062K8 Datasheet HTML 41Page - STMicroelectronics STM32L062K8 Datasheet HTML 42Page - STMicroelectronics STM32L062K8 Datasheet HTML 43Page - STMicroelectronics STM32L062K8 Datasheet HTML 44Page - STMicroelectronics STM32L062K8 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 118 page
background image
DocID025937 Rev 8
41/118
STM32L062x8
Pin descriptions
44
21
21
C2
PA11
I/O
FT
-
SPI1_MISO,
EVENTOUT,
TSC_G4_IO3,
USART1_CTS,
COMP1_OUT
USB_DM
22
22
B1
PA12
I/O
FT
-
SPI1_MOSI,
EVENTOUT,
TSC_G4_IO4,
USART1_RTS_DE,
COMP2_OUT
USB_DP
23
23
A1
PA13
I/O
FT
-
SWDIO, USB_NOE
-
24
24
B2
PA14
I/O
FT
-
SWCLK, USART2_TX
-
25
25
A2
PA15
I/O
FT
-
SPI1_NSS, TIM2_ETR,
EVENTOUT,
USART2_RX,
TIM2_CH1
-
26
26
B3
PB3
I/O
FT
-
SPI1_SCK, TIM2_CH2,
TSC_G5I_O1,
EVENTOUT
COMP2_INN
27
27
A3
PB4
I/O
FT
-
SPI1_MISO,
EVENTOUT,
TSC_G5_IO2,
TIM22_CH1
COMP2_INP
28
28
C4
PB5
I/O
FT
-
SPI1_MOSI,
LPTIM1_IN1,
I2C1_SMBA,
TIM22_CH2
COMP2_INP
29
29
B4
PB6
I/O
FTf
-
USART1_TX,
I2C1_SCL,
LPTIM1_ETR,
TSC_G5_IO3
COMP2_INP
30
30
A4
PB7
I/O
FTf
-
USART1_RX,
I2C1_SDA,
LPTIM1_IN2,
TSC_G5_IO4
COMP2_INP,
PVD_IN
31
31
C5
BOOT0
I
B
-
-
-
Table 15. STM32L062x8 pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More