| 전자부품 데이터시트 검색엔진 |
|
STM32L053 데이터시트(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L053 데이터시트(HTML) 42 Page - STMicroelectronics |
|
42 / 132 page ![]() Pin descriptions STM32L053x6 STM32L053x8 42/132 DocID025844 Rev 7 - 25 H6 PC5 I/O FT - LCD_SEG23, LPUART1_RX, TSC_G3_IO1 ADC_IN15 18 26 F5 PB0 I/O FT - EVENTOUT, LCD_SEG5, TSC_G3_IO2 LCD_VLCD3, ADC_IN8, VREF_OUT 19 27 G5 PB1 I/O FT - LCD_SEG6, TSC_G3_IO3, LPUART1_RTS_DE ADC_IN9, VREF_OUT 20 28 G6 PB2 I/O FT - LPTIM1_OUT, TSC_G3_IO4 LCD_VLCD1 21 29 G7 PB10 I/O FT - LCD_SEG10, TIM2_CH3, TSC_SYNC, LPUART1_TX, SPI2_SCK, I2C2_SCL - 22 30 H7 PB11 I/O FT - EVENTOUT, LCD_SEG11, TIM2_CH4, TSC_G6_IO1, LPUART1_RX, I2C2_SDA - 23 31 D6 VSS S - - - 24 32 E5 VDD S - - - 25 33 H8 PB12 I/O FT - SPI2_NSS/I2S2_WS, LCD_SEG12, LPUART1_RTS_DE, TSC_G6_IO2, I2C2_SMBA, EVENTOUT LCD_VLCD2 26 34 G8 PB13 I/O FTf - SPI2_SCK/I2S2_CK, LCD_SEG13, TSC_G6_IO3, LPUART1_CTS, I2C2_SCL, TIM21_CH1 - 27 35 F8 PB14 I/O FTf - SPI2_MISO/I2S2_MCK, LCD_SEG14, RTC_OUT, TSC_G6_IO4, LPUART1_RTS_DE, I2C2_SDA, TIM21_CH2 - 28 36 F7 PB15 I/O FT - SPI2_MOSI/I2S2_SD, LCD_SEG15, RTC_REFIN - Table 15. STM32L053x6/8 pin definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |