| 전자부품 데이터시트 검색엔진 |
|
STM32L162RCT6 데이터시트(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L162RCT6 데이터시트(HTML) 35 Page - STMicroelectronics |
|
35 / 123 page ![]() DocID022881 Rev 10 35/123 STM32L162VC, STM32L162RC 46 Table 8. Legend/abbreviations used in the pinout table Name Abbreviation Definition Pin name Unless otherwise specified in brackets below the pin name, the pin function during and after reset is the same as the actual pin name Pin type S Supply pin I Input only pin I/O Input / output pin I/O structure FT 5 V tolerant I/O TC Standard 3.3 V I/O B Dedicated BOOT0 pin RST Bidirectional reset pin with embedded weak pull-up resistor Notes Unless otherwise specified by a note, all I/Os are set as floating inputs during and after reset Pin functions Alternate functions Functions selected through GPIOx_AFR registers Additional functions Functions directly selected/enabled through peripheral registers Table 9. STM32L162xC pin definitions Pins Pin name Main function(3) (after reset) Pin functions Alternate functions Additional functions B2 1 - PE2 I/O FT PE2 TIM3_ETR/LCD_SEG38/ TRACECLK - A1 2 - PE3 I/O FT PE3 TIM3_CH1/LCD_SEG39/ TRACED0 - B1 3 - PE4 I/O FT PE4 TIM3_CH2/TRACED1 - C2 4 - PE5 I/O FT PE5 TIM9_CH1/TRACED2 - D2 5 - PE6- WKUP3 I/O FT PE6 TIM9_CH2/TRACED3 WKUP3/ RTC_TAMP3 E2 6 1 VLCD(4) S- VLCD -- C1 7 2 PC13- WKUP2 I/O FT PC13 - WKUP2/RTC_TAMP1/ RTC_TS/RTC_OUT |