| 전자부품 데이터시트 검색엔진 |
|
STM32L162XE 데이터시트(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L162XE 데이터시트(HTML) 37 Page - STMicroelectronics |
|
37 / 129 page ![]() DocID025882 Rev 6 37/129 STM32L162xE Pin descriptions 52 36 25 16 J8 PA2 I/O FT PA2 TIM2_CH3/TIM5_CH3/ TIM9_CH1/ USART2_TX/LCD_SEG1 ADC_IN2/ COMP1_INP/ OPAMP1_VINM 37 26 17 H7 PA3 I/O TC PA3 TIM2_CH4/TIM5_CH4/ TIM9_CH2/ USART2_RX/LCD_SEG2 ADC_IN3/ COMP1_INP/ OPAMP1_VOUT 38 27 18 K8 VSS_4 S- VSS_4 -- 39 28 19 L8, M9 VDD_4 S- VDD_4 -- 40 29 20 J7 PA4 I/O TC PA4 SPI1_NSS/SPI3_NSS/ I2S3_WS/ USART2_CK ADC_IN4/DAC_OUT1 /COMP1_INP 41 30 21 M8 PA5 I/O TC PA5 TIM2_CH1_ETR/ SPI1_SCK ADC_IN5/ DAC_OUT2/ COMP1_INP 42 31 22 H6 PA6 I/O FT PA6 TIM3_CH1/TIM10_CH1/ SPI1_MISO/ LCD_SEG3 ADC_IN6/ COMP1_INP/ OPAMP2_VINP 43 32 23 K7 PA7 I/O FT PA7 TIM3_CH2/TIM11_CH1/ SPI1_MOSI/ LCD_SEG4 ADC_IN7/ COMP1_INP/ OPAMP2_VINM 44 33 24 L7 PC4 I/O FT PC4 LCD_SEG22 ADC_IN14/ COMP1_INP 45 34 25 M7 PC5 I/O FT PC5 LCD_SEG23 ADC_IN15/ COMP1_INP 46 35 26 J6 PB0 I/O TC PB0 TIM3_CH3/LCD_SEG5 ADC_IN8/ COMP1_INP/ OPAMP2_VOUT/ VREF_OUT 47 36 27 K6 PB1 I/O FT PB1 TIM3_CH4/LCD_SEG6 ADC_IN9/ COMP1_INP/ VREF_OUT 48 37 28 M6 PB2 I/O FT PB2/ BOOT1 BOOT1 ADC_IN0b 49 - - - PF11 I/O FT PF11 - ADC_IN1b 50 - - - PF12 I/O FT PF12 - ADC_IN2b Table 8. STM32L162xE pin definitions (continued) Pins Pin name Main function(2) (after reset) Pin functions Alternate functions Additional functions |