전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F767BI 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STM32F767BI
상세설명  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767BI 데이터시트(HTML) 4 Page - STMicroelectronics

  STM32F767BI Datasheet HTML 1Page - STMicroelectronics STM32F767BI Datasheet HTML 2Page - STMicroelectronics STM32F767BI Datasheet HTML 3Page - STMicroelectronics STM32F767BI Datasheet HTML 4Page - STMicroelectronics STM32F767BI Datasheet HTML 5Page - STMicroelectronics STM32F767BI Datasheet HTML 6Page - STMicroelectronics STM32F767BI Datasheet HTML 7Page - STMicroelectronics STM32F767BI Datasheet HTML 8Page - STMicroelectronics STM32F767BI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 255 page
background image
Contents
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
4/255
DocID029041 Rev 4
2.23.1
Advanced-control timers (TIM1, TIM8) . . . . . . . . . . . . . . . . . . . . . . . . . . 39
2.23.2
General-purpose timers (TIMx) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
2.23.3
Basic timers TIM6 and TIM7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
2.23.4
Low-power timer (LPTIM1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
2.23.5
Independent watchdog . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
2.23.6
Window watchdog . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
2.23.7
SysTick timer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
2.24
Inter-integrated circuit interface (I2C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
2.25
Universal synchronous/asynchronous receiver transmitters (USART) . . 42
2.26
Serial peripheral interface (SPI)/inter- integrated sound interfaces (I2S) . 43
2.27
Serial audio interface (SAI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
2.28
SPDIFRX Receiver Interface (SPDIFRX) . . . . . . . . . . . . . . . . . . . . . . . . . 44
2.29
Audio PLL (PLLI2S) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
2.30
Audio and LCD PLL (PLLSAI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
2.31
SD/SDIO/MMC card host interface (SDMMC) . . . . . . . . . . . . . . . . . . . . . 45
2.32
Ethernet MAC interface with dedicated DMA and IEEE 1588 support . . . 45
2.33
Controller area network (bxCAN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
2.34
Universal serial bus on-the-go full-speed (OTG_FS) . . . . . . . . . . . . . . . . 46
2.35
Universal serial bus on-the-go high-speed (OTG_HS) . . . . . . . . . . . . . . . 46
2.36
High-definition multimedia interface (HDMI) - consumer
electronics control (CEC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
2.37
Digital camera interface (DCMI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
2.38
Management Data Input/Output (MDIO) slaves . . . . . . . . . . . . . . . . . . . . 48
2.39
Random number generator (RNG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
2.40
General-purpose input/outputs (GPIOs) . . . . . . . . . . . . . . . . . . . . . . . . . . 48
2.41
Analog-to-digital converters (ADCs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
2.42
Digital filter for Sigma-Delta Modulators (DFSDM) . . . . . . . . . . . . . . . . . . 49
2.43
Temperature sensor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
2.44
Digital-to-analog converter (DAC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
2.45
Serial wire JTAG debug port (SWJ-DP) . . . . . . . . . . . . . . . . . . . . . . . . . . 51
2.46
Embedded Trace Macrocell™ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
2.47
DSI Host (DSIHOST) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
3
Pinouts and pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More