| 전자부품 데이터시트 검색엔진 |
|
STM32F767IG 데이터시트(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F767IG 데이터시트(HTML) 79 Page - STMicroelectronics |
|
79 / 255 page ![]() DocID029041 Rev 4 79/255 STM32F765xx STM32F767xx STM32F768Ax STM32F769xx Pinouts and pin description 105 65 98 G14 117 140 G14 G8 121 140 G14 PC8 I/O FT - TRACED1, TIM3_CH3, TIM8_CH3, UART5_RTS, USART6_CK, FMC_NE2/FMC_NCE, SDMMC1_D0, DCMI_D2, EVENTOUT 66 99 F14 118 141 F14 E1 122 141 F14 PC9 I/O FT - MCO2, TIM3_CH4, TIM8_CH4, I2C3_SDA, I2S_CKIN, UART5_CTS, QUADSPI_BK1_IO0, LCD_G3, SDMMC1_D1, DCMI_D3, LCD_B2, EVENTOUT -- 67 100 F15 119 142 F15 E2 123 142 F15 PA8 I/O FT - MCO1, TIM1_CH1, TIM8_BKIN2, I2C3_SCL, USART1_CK, OTG_FS_SOF, CAN3_RX, UART7_RX, LCD_B3, LCD_R6, EVENTOUT - 68 101 E15 120 143 E15 F4 124 143 E15 PA9 I/O FT - TIM1_CH2, I2C3_SMBA, SPI2_SCK/I2S2_CK, USART1_TX, DCMI_D0, LCD_R5, EVENTOUT OTG_FS_V BUS 69 102 D15 121 144 D15 F5 125 144 D15 PA10 I/O FT - TIM1_CH3, USART1_RX, LCD_B4, OTG_FS_ID, MDIOS_MDIO, DCMI_D1, LCD_B1, EVENTOUT - 70 103 C15 122 145 C15 E3 126 145 C15 PA11 I/O FT - TIM1_CH4, SPI2_NSS/I2S2_WS, UART4_RX, USART1_CTS, CAN1_RX, OTG_FS_DM, LCD_R4, EVENTOUT - Table 10. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx pin and ball definitions (continued) Pin Number Alternate functions Additional functions STM32F765xx STM32F767xx STM32F768Ax STM32F769xx |