| 전자부품 데이터시트 검색엔진 |
|
STM32F767NG 데이터시트(PDF) 95 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F767NG 데이터시트(HTML) 95 Page - STMicroelectronics |
|
95 / 255 page ![]() Port C PC0 - - - DFSDM1_ CKIN0 -- DFSDM1 _DATIN4 - SAI2_FS _B - OTG_HS_ ULPI_ST P - FMC_SD NWE - LCD_R5 EVEN TOUT PC1 TRACED 0 -- DFSDM1_ DATAIN0 - SPI2_M OSI/I2S2 _SD SAI1_SD _A --- DFSDM1_ CKIN4 ETH_MD C MDIOS_ MDC -- EVEN TOUT PC2 - - - DFSDM1_ CKIN1 - SPI2_MI SO DFSDM1 _CKOUT --- OTG_HS_ ULPI_DIR ETH_MII_ TXD2 FMC_SD NE0 -- EVEN TOUT PC3 - - - DFSDM1_ DATAIN1 - SPI2_M OSI/I2S2 _SD - --- OTG_HS_ ULPI_NX T ETH_MII_ TX_CLK FMC_SD CKE0 -- EVEN TOUT PC4 - - - DFSDM1_ CKIN2 - I2S1_M CK -- SPDIF_R X2 -- ETH_MII_ RXD0/ET H_RMII_ RXD0 FMC_SD NE0 -- EVEN TOUT PC5 - - - DFSDM1_ DATAIN2 -- - - SPDIF_R X3 -- ETH_MII_ RXD1/ET H_RMII_ RXD1 FMC_SD CKE0 -- EVEN TOUT PC6 - - TIM3_C H1 TIM8_CH 1 - I2S2_M CK - DFSDM1 _CKIN3 USART6 _TX FMC_NW AIT SDMMC2 _D6 - SDMMC _D6 DCMI_D 0 LCD_HS YNC EVEN TOUT PC7 - - TIM3_C H2 TIM8_ CH2 -- I2S3_M CK DFSDM1 _DATAIN 3 USART6 _RX FMC_NE 1 SDMMC2 _D7 - SDMMC _D7 DCMI_D 1 LCD_G6 EVEN TOUT PC8 TRACED 1 - TIM3_C H3 TIM8_ CH3 -- - UART5_ RTS USART6 _CK FMC_NE 2/FMC_N CE -- SDMMC _D0 DCMI_D 2 - EVEN TOUT PC9 MCO2 - TIM3_C H4 TIM8_ CH4 I2C3_SD A I2S_CKI N - UART5_ CTS - QUADSP I_BK1_IO 0 LCD_G3 - SDMMC _D1 DCMI_D 3 LCD_B2 EVEN TOUT PC10 - - - DFSDM1_ CKIN5 -- SPI3_SC K/I2S3_ CK USART3 _TX UART4_T X QUADSP I_BK1_IO 1 -- SDMMC _D2 DCMI_D 8 LCD_R2 EVEN TOUT Table 12. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS I2C4/UA RT5/TIM 1/2 TIM3/4/5 TIM8/9/10/ 11/LPTIM 1/DFSDM 1/CEC I2C1/2/3/ 4/USART 1/CEC SPI1/I2S 1/SPI2/I2 S2/SPI3/ I2S3/SPI 4/5/6 SPI2/I2S 2/SPI3/I2 S3/SAI1/ I2C4/UA RT4/DF SDM1 SPI2/I2S 2/SPI3/I2 S3/SPI6/ USART1/ 2/3/UART 5/DFSDM 1/SPDIF SPI6/SAI 2/USART 6/UART4/ 5/7/8/OT G_FS/SP DIF CAN1/2/T IM12/13/ 14/QUAD SPI/FMC/ LCD SAI2/QU ADSPI/S DMMC2/D FSDM1/O TG2_HS/ OTG1_FS /LCD I2C4/CAN 3/SDMM C2/ETH UART7/ FMC/SD MMC1/M DIOS/OT G2_FS DCMI/L CD/DSI LCD SYS |