| 전자부품 데이터시트 검색엔진 |
|
STM32F767VG 데이터시트(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F767VG 데이터시트(HTML) 85 Page - STMicroelectronics |
|
85 / 255 page ![]() DocID029041 Rev 4 85/255 STM32F765xx STM32F767xx STM32F768Ax STM32F769xx Pinouts and pin description 105 91 135 A6 163 194 A8 A9 163 194 A8 PB5 I/O FT - UART5_RX, TIM3_CH2, I2C1_SMBA, SPI1_MOSI/I2S1_SD, SPI3_MOSI/I2S3_SD, SPI6_MOSI, CAN2_RX, OTG_HS_ULPI_D7, ETH_PPS_OUT, FMC_SDCKE1, DCMI_D10, LCD_G7, EVENTOUT - 92 136 B6 164 195 B6 B9 164 195 B6 PB6 I/O FT - UART5_TX, TIM4_CH1, HDMI_CEC, I2C1_SCL, DFSDM1_DATIN5, USART1_TX, CAN2_TX, QUADSPI_BK1_NCS, I2C4_SCL, FMC_SDNE1, DCMI_D5, EVENTOUT - 93 137 B5 165 196 B5 C8 165 196 B5 PB7 I/O FT - TIM4_CH2, I2C1_SDA, DFSDM1_CKIN5, USART1_RX, I2C4_SDA, FMC_NL, DCMI_VSYNC, EVENTOUT - 94 138 D6 166 197 E6 A10 166 197 E6 BOOT0 I B - - VPP 95 139 A5 167 198 A7 E9 167 198 A7 PB8 I/O FT - I2C4_SCL, TIM4_CH3, TIM10_CH1, I2C1_SCL, DFSDM1_CKIN7, UART5_RX, CAN1_RX, SDMMC2_D4, ETH_MII_TXD3, SDMMC1_D4, DCMI_D6, LCD_B6, EVENTOUT - Table 10. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx pin and ball definitions (continued) Pin Number Alternate functions Additional functions STM32F765xx STM32F767xx STM32F768Ax STM32F769xx |