| 전자부품 데이터시트 검색엔진 |
|
STM32F767ZG 데이터시트(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F767ZG 데이터시트(HTML) 69 Page - STMicroelectronics |
|
69 / 255 page ![]() DocID029041 Rev 4 69/255 STM32F765xx STM32F767xx STM32F768Ax STM32F769xx Pinouts and pin description 105 24 36 P2 42 45 P2 J10 42 45 P2 PA2 I/O FT - TIM2_CH3, TIM5_CH3, TIM9_CH1, USART2_TX, SAI2_SCK_B, ETH_MDIO, MDIOS_MDIO, LCD_R1, EVENTOUT ADC1_IN2, ADC2_IN2, ADC3_IN2, WKUP2 - - F4 43 46 K4 L10 43 46 K4 PH2 I/O FT - LPTIM1_IN2, QUADSPI_BK2_IO0, SAI2_SCK_B, ETH_MII_CRS, FMC_SDCKE0, LCD_R0, EVENTOUT - - - G4 44 47 J4 K10 44 47 J4 PH3 I/O FT - QUADSPI_BK2_IO1, SAI2_MCLK_B, ETH_MII_COL, FMC_SDNE0, LCD_R1, EVENTOUT - - - H4 45 48 H4 N12 45 48 H4 PH4 I/O FT - I2C2_SCL, LCD_G5, OTG_HS_ULPI_NXT, LCD_G4, EVENTOUT - - - J4 46 49 J3 N11 46 49 J3 PH5 I/O FT - I2C2_SDA, SPI5_NSS, FMC_SDNWE, EVENTOUT - 25 37 R2 47 50 R2 M10 47 50 R2 PA3 I/O FT - TIM2_CH4, TIM5_CH4, TIM9_CH2, USART2_RX, LCD_B2, OTG_HS_ULPI_D0, ETH_MII_COL, LCD_B5, EVENTOUT ADC1_IN3, ADC2_IN3, ADC3_IN3 26 38 - - 51 K6 J9 - 51 K6 VSS S - - - - - - L4 48 - L5 -(5) 48 - L5 BYPASS_ REG IFT - - - 27 39 K4 49 52 K5 K9 49 52 K5 VDD S - - - - Table 10. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx pin and ball definitions (continued) Pin Number Alternate functions Additional functions STM32F765xx STM32F767xx STM32F768Ax STM32F769xx |