전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F769BI 데이터시트(PDF) 82 Page - STMicroelectronics

부품명 STM32F769BI
상세설명  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769BI 데이터시트(HTML) 82 Page - STMicroelectronics

Back Button STM32F769BI Datasheet HTML 78Page - STMicroelectronics STM32F769BI Datasheet HTML 79Page - STMicroelectronics STM32F769BI Datasheet HTML 80Page - STMicroelectronics STM32F769BI Datasheet HTML 81Page - STMicroelectronics STM32F769BI Datasheet HTML 82Page - STMicroelectronics STM32F769BI Datasheet HTML 83Page - STMicroelectronics STM32F769BI Datasheet HTML 84Page - STMicroelectronics STM32F769BI Datasheet HTML 85Page - STMicroelectronics STM32F769BI Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 255 page
background image
Pinouts and pin description
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
82/255
DocID029041 Rev 4
81 114 B12 142 164 B12
A4
142 164 B12
PD0
I/O FT
-
DFSDM1_CKIN6,
DFSDM1_DATIN7,
UART4_RX, CAN1_RX,
FMC_D2, EVENTOUT
-
82 115 C12 143 165 C12
D5
143 165 C12
PD1
I/O FT
-
DFSDM1_DATIN6,
DFSDM1_CKIN7,
UART4_TX, CAN1_TX,
FMC_D3, EVENTOUT
--
83 116 D12 144 166 D12
D6
144 166 D12
PD2
I/O FT
-
TRACED2, TIM3_ETR,
UART5_RX,
SDMMC1_CMD,
DCMI_D11, EVENTOUT
-
84 117 D11 145 167 C11
B5
145 167 C11
PD3
I/O FT
-
DFSDM1_CKOUT,
SPI2_SCK/I2S2_CK,
DFSDM1_DATIN0,
USART2_CTS, FMC_CLK,
DCMI_D5, LCD_G7,
EVENTOUT
-
85 118 D10 146 168 D11
A5
146 168 D11
PD4
I/O FT
-
DFSDM1_CKIN0,
USART2_RTS, FMC_NOE,
EVENTOUT
-
86 119 C11 147 169 C10
C5
147 169 C10
PD5
I/O FT
-
USART2_TX, FMC_NWE,
EVENTOUT
-
-
120
D8
148 170
F8
B6
148 170
F8
VSS
S
-
-
-
-
-
121
C8
149 171
E9
A6
149 171
E9
VDDSDM
MC
S-
-
-
-
87 122 B11 150 172 B11
E6
150 172 B11
PD6
I/O FT
-
DFSDM1_CKIN4,
SPI3_MOSI/I2S3_SD,
SAI1_SD_A, USART2_RX,
DFSDM1_DATIN1,
SDMMC2_CK,
FMC_NWAIT, DCMI_D10,
LCD_B2, EVENTOUT
-
Table 10. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx pin and
ball definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32F765xx
STM32F767xx
STM32F768Ax
STM32F769xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More