| 전자부품 데이터시트 검색엔진 |
|
STM32F769II 데이터시트(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F769II 데이터시트(HTML) 82 Page - STMicroelectronics |
|
82 / 255 page ![]() Pinouts and pin description STM32F765xx STM32F767xx STM32F768Ax STM32F769xx 82/255 DocID029041 Rev 4 81 114 B12 142 164 B12 A4 142 164 B12 PD0 I/O FT - DFSDM1_CKIN6, DFSDM1_DATIN7, UART4_RX, CAN1_RX, FMC_D2, EVENTOUT - 82 115 C12 143 165 C12 D5 143 165 C12 PD1 I/O FT - DFSDM1_DATIN6, DFSDM1_CKIN7, UART4_TX, CAN1_TX, FMC_D3, EVENTOUT -- 83 116 D12 144 166 D12 D6 144 166 D12 PD2 I/O FT - TRACED2, TIM3_ETR, UART5_RX, SDMMC1_CMD, DCMI_D11, EVENTOUT - 84 117 D11 145 167 C11 B5 145 167 C11 PD3 I/O FT - DFSDM1_CKOUT, SPI2_SCK/I2S2_CK, DFSDM1_DATIN0, USART2_CTS, FMC_CLK, DCMI_D5, LCD_G7, EVENTOUT - 85 118 D10 146 168 D11 A5 146 168 D11 PD4 I/O FT - DFSDM1_CKIN0, USART2_RTS, FMC_NOE, EVENTOUT - 86 119 C11 147 169 C10 C5 147 169 C10 PD5 I/O FT - USART2_TX, FMC_NWE, EVENTOUT - - 120 D8 148 170 F8 B6 148 170 F8 VSS S - - - - - 121 C8 149 171 E9 A6 149 171 E9 VDDSDM MC S- - - - 87 122 B11 150 172 B11 E6 150 172 B11 PD6 I/O FT - DFSDM1_CKIN4, SPI3_MOSI/I2S3_SD, SAI1_SD_A, USART2_RX, DFSDM1_DATIN1, SDMMC2_CK, FMC_NWAIT, DCMI_D10, LCD_B2, EVENTOUT - Table 10. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx pin and ball definitions (continued) Pin Number Alternate functions Additional functions STM32F765xx STM32F767xx STM32F768Ax STM32F769xx |