전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F769NI 데이터시트(PDF) 85 Page - STMicroelectronics

부품명 STM32F769NI
상세설명  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769NI 데이터시트(HTML) 85 Page - STMicroelectronics

Back Button STM32F769NI Datasheet HTML 81Page - STMicroelectronics STM32F769NI Datasheet HTML 82Page - STMicroelectronics STM32F769NI Datasheet HTML 83Page - STMicroelectronics STM32F769NI Datasheet HTML 84Page - STMicroelectronics STM32F769NI Datasheet HTML 85Page - STMicroelectronics STM32F769NI Datasheet HTML 86Page - STMicroelectronics STM32F769NI Datasheet HTML 87Page - STMicroelectronics STM32F769NI Datasheet HTML 88Page - STMicroelectronics STM32F769NI Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 255 page
background image
DocID029041 Rev 4
85/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Pinouts and pin description
105
91 135
A6
163 194
A8
A9
163 194
A8
PB5
I/O FT
-
UART5_RX, TIM3_CH2,
I2C1_SMBA,
SPI1_MOSI/I2S1_SD,
SPI3_MOSI/I2S3_SD,
SPI6_MOSI, CAN2_RX,
OTG_HS_ULPI_D7,
ETH_PPS_OUT,
FMC_SDCKE1,
DCMI_D10, LCD_G7,
EVENTOUT
-
92 136
B6
164 195
B6
B9
164 195
B6
PB6
I/O FT
-
UART5_TX, TIM4_CH1,
HDMI_CEC, I2C1_SCL,
DFSDM1_DATIN5,
USART1_TX, CAN2_TX,
QUADSPI_BK1_NCS,
I2C4_SCL, FMC_SDNE1,
DCMI_D5, EVENTOUT
-
93 137
B5
165 196
B5
C8
165 196
B5
PB7
I/O FT
-
TIM4_CH2, I2C1_SDA,
DFSDM1_CKIN5,
USART1_RX, I2C4_SDA,
FMC_NL, DCMI_VSYNC,
EVENTOUT
-
94 138
D6
166 197
E6
A10 166 197
E6
BOOT0
I
B
-
-
VPP
95 139
A5
167 198
A7
E9
167 198
A7
PB8
I/O FT
-
I2C4_SCL, TIM4_CH3,
TIM10_CH1, I2C1_SCL,
DFSDM1_CKIN7,
UART5_RX, CAN1_RX,
SDMMC2_D4,
ETH_MII_TXD3,
SDMMC1_D4, DCMI_D6,
LCD_B6, EVENTOUT
-
Table 10. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx pin and
ball definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32F765xx
STM32F767xx
STM32F768Ax
STM32F769xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More