| 전자부품 데이터시트 검색엔진 |
|
STM32F767VIT6 데이터시트(PDF) 97 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F767VIT6 데이터시트(HTML) 97 Page - STMicroelectronics |
|
97 / 255 page ![]() Port D PD8 - - - DFSDM1_ CKIN3 -- - USART3 _TX SPDIF_R X1 -- - FMC_D1 3 -- EVEN TOUT PD9 - - - DFSDM1_ DATAIN3 -- - USART3 _RX -- - - FMC_D1 4 -- EVEN TOUT PD10 - - - DFSDM1_ CKOUT -- - USART3 _CK -- - - FMC_D1 5 - LCD_B3 EVEN TOUT PD11 - - - - I2C4_SM BA -- USART3 _CTS - QUADSP I_BK1_IO 0 SAI2_SD_ A - FMC_A1 6/FMC_ CLE -- EVEN TOUT PD12 - - TIM4_C H1 LPTIM1_I N1 I2C4_SC L -- USART3 _RTS - QUADSP I_BK1_IO 1 SAI2_FS_ A - FMC_A1 7/FMC_ ALE -- EVEN TOUT PD13 - - TIM4_C H2 LPTIM1_ OUT I2C4_SD A -- - - QUADSP I_BK1_IO 3 SAI2_SC K_A - FMC_A1 8 -- EVEN TOUT PD14 - - TIM4_C H3 -- - - - UART8_ CTS - - - FMC_D0 - - EVEN TOUT PD15 - - TIM4_C H4 -- - - - UART8_ RTS - - - FMC_D1 - - EVEN TOUT Port E PE0 - - TIM4_ET R LPTIM1_E TR -- - - UART8_ Rx - SAI2_MC K_A - FMC_NB L0 DCMI_D 2 - EVEN TOUT PE1 - - - LPTIM1_I N2 -- - - UART8_T x -- - FMC_NB L1 DCMI_D 3 - EVEN TOUT PE2 TRACEC LK -- - - SPI4_SC K SAI1_M CLK_A -- QUADSP I_BK1_IO 2 - ETH_MII_ TXD3 FMC_A2 3 -- EVEN TOUT PE3 TRACED 0 -- - - - SAI1_SD _B --- - - FMC_A1 9 -- EVEN TOUT Table 12. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS I2C4/UA RT5/TIM 1/2 TIM3/4/5 TIM8/9/10/ 11/LPTIM 1/DFSDM 1/CEC I2C1/2/3/ 4/USART 1/CEC SPI1/I2S 1/SPI2/I2 S2/SPI3/ I2S3/SPI 4/5/6 SPI2/I2S 2/SPI3/I2 S3/SAI1/ I2C4/UA RT4/DF SDM1 SPI2/I2S 2/SPI3/I2 S3/SPI6/ USART1/ 2/3/UART 5/DFSDM 1/SPDIF SPI6/SAI 2/USART 6/UART4/ 5/7/8/OT G_FS/SP DIF CAN1/2/T IM12/13/ 14/QUAD SPI/FMC/ LCD SAI2/QU ADSPI/S DMMC2/D FSDM1/O TG2_HS/ OTG1_FS /LCD I2C4/CAN 3/SDMM C2/ETH UART7/ FMC/SD MMC1/M DIOS/OT G2_FS DCMI/L CD/DSI LCD SYS |