| 전자부품 데이터시트 검색엔진 |
|
STM32F732ICI6 데이터시트(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F732ICI6 데이터시트(HTML) 59 Page - STMicroelectronics |
|
59 / 122 page ![]() - - 19 K1 25 - K1 F2 19 25 PF7 I/O FT - TIM11_CH1, SPI5_SCK, SAI1_MCLK_B, UART7_TX, QUADSPI_BK1_IO2, EVENTOUT ADC3_IN5 - - 20 L3 26 - L3 G3 20 26 PF8 I/O FT - SPI5_MISO, SAI1_SCK_B, UART7_RTS, TIM13_CH1, QUADSPI_BK1_IO0, EVENTOUT ADC3_IN6 - - 21 L2 27 - L2 G2 21 27 PF9 I/O FT - SPI5_MOSI, SAI1_FS_B, UART7_CTS, TIM14_CH1, QUADSPI_BK1_IO1, EVENTOUT ADC3_IN7 - - 22 L1 28 - L1 G1 22 28 PF10 I/O FT - EVENTOUT ADC3_IN8 5 12 23 G1 29 G10 G1 D1 23 29 PH0-OSC_IN I/O FT - EVENTOUT OSC_IN(5) 6 13 24 H1 30 H10 H1 E1 24 30 PH1-OSC_OUT I/O FT - EVENTOUT OSC_OUT(5) 7 14 25 J1 31 G9 J1 F1 25 31 NRST I/O RS T -- - Table 10. STM32F732xx and STM32F733xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F732xx STM32F733xx |