| 전자부품 데이터시트 검색엔진 |
|
STM32F779IGK6 데이터시트(PDF) 75 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F779IGK6 데이터시트(HTML) 75 Page - STMicroelectronics |
|
75 / 255 page ![]() DocID028294 Rev 4 75/255 STM32F777xx STM32F778Ax STM32F779xx Pinouts and pin description 105 - - K12 89 102 M1 5 P3 - 102 M1 5 PH12 I/O FT - TIM5_CH3, I2C4_SDA, FMC_D20, DCMI_D3, LCD_R6, EVENTOUT - - - H12 90 - K10 N4 - - K10 VSS S - - - - - J12 91 103 K11 - - 103 K11 VDD S - - - 51 73 P12 92 104 L13 H8 85 104 L13 PB12 I/O FT - TIM1_BKIN, I2C2_SMBA, SPI2_NSS/I2S2_WS, DFSDM1_DATIN1, USART3_CK, UART5_RX, CAN2_RX, OTG_HS_ULPI_D5, ETH_MII_TXD0/ETH_RMII _TXD0, OTG_HS_ID, EVENTOUT - 52 74 P13 93 105 K14 J5 86 105 K14 PB13 I/O FT - TIM1_CH1N, SPI2_SCK/I2S2_CK, DFSDM1_CKIN1, USART3_CTS, UART5_TX, CAN2_TX, OTG_HS_ULPI_D6, ETH_MII_TXD1/ETH_RMII _TXD1, EVENTOUT OTG_HS_V BUS 53 75 R14 94 106 R14 N3 87 106 R14 PB14 I/O FT - TIM1_CH2N, TIM8_CH2N, USART1_TX, SPI2_MISO, DFSDM1_DATIN2, USART3_RTS, UART4_RTS, TIM12_CH1, SDMMC2_D0, OTG_HS_DM, EVENTOUT - 54 76 R15 95 107 R15 N2 88 107 R15 PB15 I/O FT - RTC_REFIN, TIM1_CH3N, TIM8_CH3N, USART1_RX, SPI2_MOSI/I2S2_SD, DFSDM1_CKIN2, UART4_CTS, TIM12_CH2, SDMMC2_D1, OTG_HS_DP, EVENTOUT - Table 10. STM32F777xx, STM32F778Ax and STM32F779xx pin and ball definitions (continued) Pin Number Alternate functions Additional functions STM32F777xx STM32F778Ax STM32F779xx |