| 전자부품 데이터시트 검색엔진 |
|
STM32F732ICI7 데이터시트(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F732ICI7 데이터시트(HTML) 18 Page - STMicroelectronics |
|
18 / 122 page ![]() Functional overview STM32F732xx STM32F733xx 18/122 DocID028480 Rev 1 2.6 AXI-AHB bus matrix The STM32F732xx and STM32F733xx system architecture is based on 2 sub-systems: • An AXI to multi AHB bridge converting AXI4 protocol to AHB-Lite protocol: – 3x AXI to 32-bit AHB bridges connected to AHB bus matrix – 1x AXI to 64-bit AHB bridge connected to the embedded Flash memory • A multi-AHB Bus-Matrix – The 32-bit multi-AHB bus matrix interconnects all the masters (CPU, DMAs, USB HS) and the slaves (Flash memory, RAM, FMC, Quad-SPI, AHB and APB peripherals) and ensures a seamless and efficient operation even when several high-speed peripherals work simultaneously. Figure 6. STM32F732xx and STM32F733xx AXI-AHB bus matrix architecture(1) 1. The above figure has large wires for 64-bits bus and thin wires for 32-bits bus. |