전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F779IIT7 데이터시트(PDF) 69 Page - STMicroelectronics

부품명 STM32F779IIT7
상세설명  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIT7 데이터시트(HTML) 69 Page - STMicroelectronics

Back Button STM32F779IIT7 Datasheet HTML 65Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 66Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 67Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 68Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 69Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 70Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 71Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 72Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 255 page
background image
DocID028294 Rev 4
69/255
STM32F777xx STM32F778Ax STM32F779xx
Pinouts and pin description
105
24
36
P2
42
45
P2
J10
42
45
P2
PA2
I/O FT
-
TIM2_CH3, TIM5_CH3,
TIM9_CH1, USART2_TX,
SAI2_SCK_B, ETH_MDIO,
MDIOS_MDIO, LCD_R1,
EVENTOUT
ADC1_IN2,
ADC2_IN2,
ADC3_IN2,
WKUP2
-
-
F4
43
46
K4
L10
43
46
K4
PH2
I/O FT
-
LPTIM1_IN2,
QUADSPI_BK2_IO0,
SAI2_SCK_B,
ETH_MII_CRS,
FMC_SDCKE0, LCD_R0,
EVENTOUT
-
-
-
G4
44
47
J4
K10
44
47
J4
PH3
I/O FT
-
QUADSPI_BK2_IO1,
SAI2_MCLK_B,
ETH_MII_COL,
FMC_SDNE0, LCD_R1,
EVENTOUT
-
-
-
H4
45
48
H4
N12
45
48
H4
PH4
I/O FT
-
I2C2_SCL, LCD_G5,
OTG_HS_ULPI_NXT,
LCD_G4, EVENTOUT
-
-
-
J4
46
49
J3
N11
46
49
J3
PH5
I/O FT
-
I2C2_SDA, SPI5_NSS,
FMC_SDNWE,
EVENTOUT
-
25
37
R2
47
50
R2 M10
47
50
R2
PA3
I/O FT
-
TIM2_CH4, TIM5_CH4,
TIM9_CH2, USART2_RX,
LCD_B2,
OTG_HS_ULPI_D0,
ETH_MII_COL, LCD_B5,
EVENTOUT
ADC1_IN3,
ADC2_IN3,
ADC3_IN3
26
38
-
-
51
K6
J9
-
51
K6
VSS
S
-
-
-
-
-
-
L4
48
-
L5
-(5)
48
-
L5
BYPASS_
REG
IFT
-
-
-
27
39
K4
49
52
K5
K9
49
52
K5
VDD
S
-
-
-
-
Table 10. STM32F777xx, STM32F778Ax and STM32F779xx pin and
ball definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32F777xx
STM32F778Ax
STM32F779xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More