전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F779IIK7 데이터시트(PDF) 67 Page - STMicroelectronics

부품명 STM32F779IIK7
상세설명  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIK7 데이터시트(HTML) 67 Page - STMicroelectronics

Back Button STM32F779IIK7 Datasheet HTML 63Page - STMicroelectronics STM32F779IIK7 Datasheet HTML 64Page - STMicroelectronics STM32F779IIK7 Datasheet HTML 65Page - STMicroelectronics STM32F779IIK7 Datasheet HTML 66Page - STMicroelectronics STM32F779IIK7 Datasheet HTML 67Page - STMicroelectronics STM32F779IIK7 Datasheet HTML 68Page - STMicroelectronics STM32F779IIK7 Datasheet HTML 69Page - STMicroelectronics STM32F779IIK7 Datasheet HTML 70Page - STMicroelectronics STM32F779IIK7 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 255 page
background image
DocID028294 Rev 4
67/255
STM32F777xx STM32F778Ax STM32F779xx
Pinouts and pin description
105
-
19
K1
25
28
K1
NC
25
28
K1
PF7
I/O FT
-
TIM11_CH1, SPI5_SCK,
SAI1_MCLK_B,
UART7_TX,
QUADSPI_BK1_IO2,
EVENTOUT
ADC3_IN5
-
20
L3
26
29
L3
NC
26
29
L3
PF8
I/O FT
-
SPI5_MISO, SAI1_SCK_B,
UART7_RTS, TIM13_CH1,
QUADSPI_BK1_IO0,
EVENTOUT
ADC3_IN6
-
21
L2
27
30
L2
NC
27
30
L2
PF9
I/O FT
-
SPI5_MOSI, SAI1_FS_B,
UART7_CTS, TIM14_CH1,
QUADSPI_BK1_IO1,
EVENTOUT
ADC3_IN7
-
22
L1
28
31
L1
K11
28
31
L1
PF10
I/O FT
-
QUADSPI_CLK,
DCMI_D11, LCD_DE,
EVENTOUT
ADC3_IN8
12
23
G1
29
32
G1
K12
29
32
G1
PH0-
OSC_IN
I/O FT (3)
EVENTOUT
OSC_IN
13
24
H1
30
33
H1
K13
30
33
H1
PH1-
OSC_OU
T
I/O FT (3)
EVENTOUT
OSC_OUT
14
25
J1
31
34
J1
L11
31
34
J1
NRST
I/O
RS
T
--
-
15
26
M2
32
35
M2
L12
32
35
M2
PC0
I/O FT
-
DFSDM1_CKIN0,
DFSDM1_DATIN4,
SAI2_FS_B,
OTG_HS_ULPI_STP,
FMC_SDNWE, LCD_R5,
EVENTOUT
ADC1_IN10,
ADC2_IN10,
ADC3_IN10
16
27
M3
33
36
M3
L13
33
36
M3
PC1
I/O FT
-
TRACED0,
DFSDM1_DATIN0,
SPI2_MOSI/I2S2_SD,
SAI1_SD_A,
DFSDM1_CKIN4,
ETH_MDC, MDIOS_MDC,
EVENTOUT
ADC1_IN11,
ADC2_IN11,
ADC3_IN11,
RTC_TAMP
3/WKUP3
Table 10. STM32F777xx, STM32F778Ax and STM32F779xx pin and
ball definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32F777xx
STM32F778Ax
STM32F779xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More