전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F779IGY7 데이터시트(PDF) 74 Page - STMicroelectronics

부품명 STM32F779IGY7
상세설명  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IGY7 데이터시트(HTML) 74 Page - STMicroelectronics

Back Button STM32F779IGY7 Datasheet HTML 70Page - STMicroelectronics STM32F779IGY7 Datasheet HTML 71Page - STMicroelectronics STM32F779IGY7 Datasheet HTML 72Page - STMicroelectronics STM32F779IGY7 Datasheet HTML 73Page - STMicroelectronics STM32F779IGY7 Datasheet HTML 74Page - STMicroelectronics STM32F779IGY7 Datasheet HTML 75Page - STMicroelectronics STM32F779IGY7 Datasheet HTML 76Page - STMicroelectronics STM32F779IGY7 Datasheet HTML 77Page - STMicroelectronics STM32F779IGY7 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 255 page
background image
Pinouts and pin description
STM32F777xx STM32F778Ax STM32F779xx
74/255
DocID028294 Rev 4
47
70
R13
80
91
R13
L5
80
91
R13
PB11
I/O FT
-
TIM2_CH4, I2C2_SDA,
DFSDM1_CKIN7,
USART3_RX,
OTG_HS_ULPI_D4,
ETH_MII_TX_EN/ETH_RM
II_TX_EN, DSI_TE,
LCD_G5, EVENTOUT
-
48
71 M10
81
92
L11
P5
81
92
L11
VCAP_1
S
-
-
-
-
49
-
-
-
93
K9
N5
-
93
K9
VSS
S
-
-
-
-
50
72
N10
82
94
L10
P4
82
94
L10
VDD
S
-
-
-
-
--
-
-
95
M1
4
NC
-
95
M1
4
PJ5
I/O FT
-
LCD_R6, EVENTOUT
-
-
-
M11
83
96
P13 NC
83
96
P13
PH6
I/O FT
-
I2C2_SMBA, SPI5_SCK,
TIM12_CH1,
ETH_MII_RXD2,
FMC_SDNE1, DCMI_D8,
EVENTOUT
-
-
-
N12
84
97
N13 NC
84
97
N13
PH7
I/O FT
-
I2C3_SCL, SPI5_MISO,
ETH_MII_RXD3,
FMC_SDCKE1, DCMI_D9,
EVENTOUT
-
-
-
M12
85
98
P14
M5
-
98
P14
PH8
I/O FT
-
I2C3_SDA, FMC_D16,
DCMI_HSYNC, LCD_R2,
EVENTOUT
-
-
-
M13
86
99
N14
K4
-
99
N14
PH9
I/O FT
-
I2C3_SMBA, TIM12_CH2,
FMC_D17, DCMI_D0,
LCD_R3, EVENTOUT
-
-
-
L13
87
100 P15
L4
-
100 P15
PH10
I/O FT
-
TIM5_CH1, I2C4_SMBA,
FMC_D18, DCMI_D1,
LCD_R4, EVENTOUT
-
-
-
L12
88
101 N15 M4
-
101 N15
PH11
I/O FT
-
TIM5_CH2, I2C4_SCL,
FMC_D19, DCMI_D2,
LCD_R5, EVENTOUT
-
Table 10. STM32F777xx, STM32F778Ax and STM32F779xx pin and
ball definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32F777xx
STM32F778Ax
STM32F779xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More