전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

V048F080T030 데이터시트(PDF) 6 Page - Vicor Corporation

부품명 V048F080T030
상세설명  PRM짰 Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VICOR [Vicor Corporation]
홈페이지  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F080T030 데이터시트(HTML) 6 Page - Vicor Corporation

Back Button V048F080T030 Datasheet HTML 2Page - Vicor Corporation V048F080T030 Datasheet HTML 3Page - Vicor Corporation V048F080T030 Datasheet HTML 4Page - Vicor Corporation V048F080T030 Datasheet HTML 5Page - Vicor Corporation V048F080T030 Datasheet HTML 6Page - Vicor Corporation V048F080T030 Datasheet HTML 7Page - Vicor Corporation V048F080T030 Datasheet HTML 8Page - Vicor Corporation V048F080T030 Datasheet HTML 9Page - Vicor Corporation V048F080T030 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PRM® Regulator
Rev 2.1
vicorpower.com
Page 6 of 14
09/2015
800 927.9474
P036F048T12AL
Figure 10 — Transient response; PRM alone 18 Vin, 0 – 2.5 – 0 A
no load capacitance, local loop and 48 Vf
Figure 9 — Transient response; PRM alone 36 Vin, 0 – 2.5 – 0 A
no load capacitance, local loop and 48 Vf
Figure 11 — Transient response; PRM alone 60 Vin, 0 – 2.5 – 0 A
no load capacitance, local loop and 48 Vf
Figure 12 — PC during fault – frequency will vary as a function of line voltage
Figure 14 — Output ripple full load 10µF bypass capacitance. Vf = 48 Vdc
Figure 13 — Output ripple full load no bypass capacitance. Vf = 48 Vdc
Electrical Specifications (continued)
VI Chip Regulator
Output Waveforms
End of Life



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com