| 전자부품 데이터시트 검색엔진 |
|
Z8FS021 데이터시트(PDF) 12 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8FS021 데이터시트(HTML) 12 Page - Zilog, Inc. |
|
12 / 68 page ![]() PS028806-0315 MCU Part Selection Guide ZMOTION® Intrusion Detection Product Specification 4 MCU Part Selection Guide Table 1 displays the basic features and package styles available for each device within the Z8FS021 ZMOTION Intrusion Detection MCU devices. Select the package type that is most suitable to your application based on required General Purpose I/Os and ADC chan- nels. The table suggests references to the pin configuration diagrams for the peripheral functions available on each I/O pin. See the Ordering Information section on page 47 for a list of all ZMOTION Intrusion Detection part numbers. The Z8FS021 MCU is not preprogammed with application code. A generic version of the ZMOTION Intrusion Detection source code (RD0001-SC01) can be downloaded from zilog.com and programmed into the MCU. Table 1. Z8FS021 ZMOTION Intrusion Detection MCU Part Selection Guide ZMOTION MCU Part Number Z8 Encore! XP Base Part Number Flash Memory GPIO ADC Channels Package Pin Configuration Diagram Z8FS021xSB20EG Z8F082ASB020EG 2 KB 5 3 8-pin SOIC Figure 2 Z8FS021xHH20EG Z8F082AHH020EG 2 KB 16 4 20-pin SSOP Figure 3 Z8FS021xHJ20EG Z8F082AHJ020EG 2 KB 22 6 28-pin SSOP Figure 4 Note: x = PIR Engine Revision Identifier (see Table 4 on page 23.) Note: |