전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DEV-13040 데이터시트(PDF) 2 Page - SparkFun Electronics

부품명 DEV-13040
상세설명  SparkFun Blocks for Intel짰 Edison - UART Block
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPARKFUN [SparkFun Electronics]
홈페이지  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13040 데이터시트(HTML) 2 Page - SparkFun Electronics

  DEV-13040 Datasheet HTML 1Page - SparkFun Electronics DEV-13040 Datasheet HTML 2Page - SparkFun Electronics DEV-13040 Datasheet HTML 3Page - SparkFun Electronics DEV-13040 Datasheet HTML 4Page - SparkFun Electronics DEV-13040 Datasheet HTML 5Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UART Block Functional Diagram
• UART Header - Standard FTDI header with RX, TX, VCC, and GND
broken out.
• Select Switch - Select between Console (UART2) and UART1
• Power Button - The power switch is connected to the “PWRBTN” line
on the Edison. This give the user the ability to place an Edison in
sleep or power down the module completely. This does not affect
power to other Blocks in the stack.
• Power LED - The power LED illuminates when power is present on
VSYS. This can come from the Console Block, or any other powered
Block in the stack.
• LED Jumper - If power consumption is an issue, cut each jumper to
disable LED
• Expansion Header - The 70-pin Expansion header breaks out the
functionality of the Intel Edison. This header also passes signals and
power throughout the stack. These function much like an Arduino
Shield.
Using the UART Block
To use the UART Block, attach an Intel Edison to the back of the board or
add it to your current stack. Blocks can be stacked without hardware, but it
leaves the expansion connectors unprotected from mechanical stress.
UART Block Installed
We have a nice Hardware Pack available that gives enough hardware to
secure three blocks and an Edison.
Page 2 of 5



Html Pages

1 2 3 4 5