전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UCD7100PWPR 데이터시트(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
부품명 UCD7100PWPR
상세설명  Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7100PWPR 데이터시트(HTML) 13 Page - Texas Instruments

Back Button UCD7100PWPR Datasheet HTML 9Page - Texas Instruments UCD7100PWPR Datasheet HTML 10Page - Texas Instruments UCD7100PWPR Datasheet HTML 11Page - Texas Instruments UCD7100PWPR Datasheet HTML 12Page - Texas Instruments UCD7100PWPR Datasheet HTML 13Page - Texas Instruments UCD7100PWPR Datasheet HTML 14Page - Texas Instruments UCD7100PWPR Datasheet HTML 15Page - Texas Instruments UCD7100PWPR Datasheet HTML 16Page - Texas Instruments UCD7100PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
UCD7100
www.ti.com
SLUS651D – MARCH 2005 – REVISED OCTOBER 2014
8.4 Device Functional Modes
8.4.1 Operation with VDD < 4.25 V (minimum VDD)
The devices operate with VDD voltages above 4.75 V. The maximum UVLO voltage is 4.75 V, and operates at
VDD voltages above 4.75 V. The typical UVLO voltage is 4.5 V. The minimum UVLO voltage is 4.25 V. At VDD
below the actual UVLO voltage, the devices do not operate, and OUT remains low.
8.4.2 Operation with IN Pin Open
If the IN pin is disconnected (open), a 100 k
Ω internal resistor connects IN to GND to prevent unpredictable
operation due to a floating IN pin, and OUT remains low.
8.4.3 Operation with ILIM Pin Open
If the ILIM pin is disconnected (open), the current limit threshold is set at 0.5 V.
8.4.4 Operation with ILIM Pin High
If the signal on ILIM pin is higher than 1 V, the current limit threshold is clamped at 1 V.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com