전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DEV-13041 데이터시트(PDF) 2 Page - SparkFun Electronics

부품명 DEV-13041
상세설명  SparkFun Blocks for Intel짰 Edison - microSD Block
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPARKFUN [SparkFun Electronics]
홈페이지  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13041 데이터시트(HTML) 2 Page - SparkFun Electronics

  DEV-13041 Datasheet HTML 1Page - SparkFun Electronics DEV-13041 Datasheet HTML 2Page - SparkFun Electronics DEV-13041 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MicroSD Block Functional Diagram
• Micro SD Socket - Insert Micro SD card here. Block does appropriate
card detection and level shifting.
• Expansion Header - The 70-pin Expansion header breaks out the
functionality of the Intel Edison. This header also passes signals and
power throughout the stack. These function much like an Arduino
Shield.
Using the microSD Block
To use the microSD Block, attach an Intel Edison to the back of the board,
or add it to your current stack. Blocks can be stacked without hardware, but
it leaves the expansion connectors unprotected from mechanical stress.
microSD Block Installed
We have a nice Hardware Pack available that gives enough hardware to
secure three blocks and an Edison.
Intel Edison Hardware Pack
NOTE: The microSD Breakout Block does not have console access or a
power supply. It is recommended to use a console communication block in
conjunction with this block like ones found in the General Guide to Sparkfun
Blocks for Intel Edison.
The simplest way to use the microSD Block is to boot your Edison stack
with the card already installed. While booting, the Edison will automatically
find and mount the SD card to the following directory. To see what’s inside,
type the following.
cd /media/sdcard/
To safely unmount the SD card for removal, enter the following command.
Page 2 of 3



Html Pages

1 2 3