전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DEV-13044 데이터시트(PDF) 6 Page - SparkFun Electronics

부품명 DEV-13044
상세설명  Blocks for Intel짰 Edison - Pi Block
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPARKFUN [SparkFun Electronics]
홈페이지  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13044 데이터시트(HTML) 6 Page - SparkFun Electronics

Back Button DEV-13044 Datasheet HTML 2Page - SparkFun Electronics DEV-13044 Datasheet HTML 3Page - SparkFun Electronics DEV-13044 Datasheet HTML 4Page - SparkFun Electronics DEV-13044 Datasheet HTML 5Page - SparkFun Electronics DEV-13044 Datasheet HTML 6Page - SparkFun Electronics DEV-13044 Datasheet HTML 7Page - SparkFun Electronics DEV-13044 Datasheet HTML 8Page - SparkFun Electronics DEV-13044 Datasheet HTML 9Page - SparkFun Electronics DEV-13044 Datasheet HTML 10Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Connection Diagram for Active Low Push Button
In the terminal, we will demonstrate how to activate and use a GPIO pin as
an input configured as an active high.
First, navigate to the GPIO directory on the Edison.
cd /sys/class/gpio 
Select the GPIO pin to enable. In this case let us use GPIO 14.
echo 14 > export 
Navigate to the newly created GPIO directory.
cd gpio14 
If you type “ls”, you should see a bunch of variables.
active_low  direction   power       uevent 
device      edge        subsystem   value 
Let’s set the “direction” of the port to output.
echo in > direction 
To confirm this, we will “cat” the value.
cat direction 
You should see the “in” in the command line. Now the device is configured
as an input. “value” is where the status of the pin is set, 1 for high, 0 for low.
Page 6 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11