전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DEV-13045 데이터시트(PDF) 2 Page - SparkFun Electronics

부품명 DEV-13045
상세설명  SparkFun Blocks for Intel짰 Edison - Base Block
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPARKFUN [SparkFun Electronics]
홈페이지  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13045 데이터시트(HTML) 2 Page - SparkFun Electronics

  DEV-13045 Datasheet HTML 1Page - SparkFun Electronics DEV-13045 Datasheet HTML 2Page - SparkFun Electronics DEV-13045 Datasheet HTML 3Page - SparkFun Electronics DEV-13045 Datasheet HTML 4Page - SparkFun Electronics DEV-13045 Datasheet HTML 5Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Base Block Functional Diagram
• USB OTG - The USB Micro AB port provides access to the Edison
OTG port. This port is capable of providing power to an OTG device
or power can be supplied to the Edison through this port.
• Console - The Micro USB B port provides power and a console
access port to an Intel Edison Stack. This Block supplies a voltage to
the Edison and other Blocks through the VSYS line at 4V. This
voltage may vary up to +/-0.1V depending on load.
• Power Button - The power switch is connected to the “PWRBTN” line
on the Edison. This give the user the ability to place an Edison in
sleep or power down the module completely. This does not affect
power to other Blocks in the stack.
• Power LED - The power LED illuminates when power is present on
VSYS. This can come from the Console Block, or any other powered
Block in the stack.
• Data LEDs - The Data LEDs help the user identify if the console is
active. This is a feature commonly found on our FTDI breakout.
• LED Jumpers - If power consumption is an issue, cut each jumper to
disable LEDs
• Expansion Header - The 70-pin Expansion header breaks out the
functionality of the Intel Edison. This header also passes signals and
power throughout the stack. These function much like an Arduino
Shield.
Using the Base Block
To use the Base Block, attach an Intel Edison to the back of the board, or
add it to your current stack. Blocks can be stacked without hardware, but it
leaves the expansion connectors unprotected from mechanical stress.
Base Block Installed
We have a nice Hardware Pack available that gives enough hardware to
secure three blocks and an Edison.
Page 2 of 5



Html Pages

1 2 3 4 5