전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS4C8M16D1 데이터시트(PDF) 39 Page - Alliance Semiconductor Corporation

부품명 AS4C8M16D1
상세설명  Fully synchronous operation
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALSC [Alliance Semiconductor Corporation]
홈페이지  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C8M16D1 데이터시트(HTML) 39 Page - Alliance Semiconductor Corporation

Back Button AS4C8M16D1 Datasheet HTML 35Page - Alliance Semiconductor Corporation AS4C8M16D1 Datasheet HTML 36Page - Alliance Semiconductor Corporation AS4C8M16D1 Datasheet HTML 37Page - Alliance Semiconductor Corporation AS4C8M16D1 Datasheet HTML 38Page - Alliance Semiconductor Corporation AS4C8M16D1 Datasheet HTML 39Page - Alliance Semiconductor Corporation AS4C8M16D1 Datasheet HTML 40Page - Alliance Semiconductor Corporation AS4C8M16D1 Datasheet HTML 41Page - Alliance Semiconductor Corporation AS4C8M16D1 Datasheet HTML 42Page - Alliance Semiconductor Corporation AS4C8M16D1 Datasheet HTML 43Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
AS4C8M16D1
Alliance Memory Inc. Confidential
39
Rev. 1.1
Feb. /2009
Figure 18. Write Burst Nom, Min, and Max tDQSS
CK
CK
COMMAND
WRITE
NOP
NOP
NOP
Bank ,
Col n
ADDRESS
DQS
DQ
tDQSS (nom)
Don’t Care
DM
T0
T1
T2
T3
T4
T5
T6
T7
DI
n
T8
T9
T10
T11
NOP
NOP
DQS
DQ
tDQSS (min)
DM
DI
n
DQS
DQ
tDQSS (max)
DM
DI
n
DI n = Data In for column n
3 subsequent elements of Data are applied in the programmed order following DI n
A non-interrupted burst of 4 is shown
A10 is LOW with the WRITE command (AUTO PRECHARGE disabled)
DM=UDM & LDM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64