| 전자부품 데이터시트 검색엔진 |
|
IRLU024N 데이터시트(PDF) 8 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRLU024N 데이터시트(HTML) 8 Page - International Rectifier |
|
8 / 10 page ![]() IRLR/U024N 8 www.irf.com D-Pak (TO-252AA) Package Outline Dimensions are shown in millimeters (inches) D-Pak (TO-252AA) Part Marking Information 6.73 (.265 ) 6.35 (.250 ) - A - 4 1 2 3 6.2 2 (.2 45) 5.9 7 (.2 35) - B - 3X 0.89 (.035 ) 0.64 (.025 ) 0.25 (.01 0) M A M B 4 .57 (.18 0) 2.28 (.09 0) 2X 1.1 4 (.0 45) 0.7 6 (.0 30) 1.52 ( .0 6 0 ) 1.15 ( .0 4 5 ) 1.02 (.04 0) 1.64 (.02 5) 5 .46 (.215 ) 5 .21 (.205 ) 1.27 (.050 ) 0.88 (.035 ) 2.38 (.09 4) 2.19 (.08 6) 1.14 (.045) 0.89 (.035) 0.58 (.02 3) 0.46 (.01 8) 6.4 5 (.2 45) 5.6 8 (.2 24) 0 .51 (.02 0) M IN . 0.58 ( .02 3 ) 0.46 ( .01 8 ) L E A D AS SIG N M E N T S 1 - G A T E 2 - D R A IN 3 - S O U R C E 4 - D R A IN 10 .42 (.4 1 0 ) 9.40 (.37 0) N O T ES: 1 D IM E N S IO N IN G & T O LE R A N C IN G P E R A N S I Y 14.5 M , 1 982 . 2 C O NT RO L L IN G DIM E N S IO N : INCH. 3 C O N F O R M S T O J E D E C O U T L IN E T O - 2 5 2 A A . 4 D IM E NS IO N S S H O W N A R E B E F O RE S O L D E R DIP , S O LD E R D IP M A X. + 0 .16 (.0 06). |