전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MDF13N65B 데이터시트(PDF) 3 Page - MagnaChip Semiconductor.

부품명 MDF13N65B
상세설명  N-Channel MOSFET 650V, 14A, 0.46(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MGCHIP [MagnaChip Semiconductor.]
홈페이지  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF13N65B 데이터시트(HTML) 3 Page - MagnaChip Semiconductor.

  MDF13N65B Datasheet HTML 1Page - MagnaChip Semiconductor. MDF13N65B Datasheet HTML 2Page - MagnaChip Semiconductor. MDF13N65B Datasheet HTML 3Page - MagnaChip Semiconductor. MDF13N65B Datasheet HTML 4Page - MagnaChip Semiconductor. MDF13N65B Datasheet HTML 5Page - MagnaChip Semiconductor. MDF13N65B Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Jun. 2011 Version 1.3
MagnaChip Semiconductor Ltd.
3
Fig.5 Transfer Characteristics
Fig.1 On-Region Characteristics
Fig.2 On-Resistance Variation with
Drain Current and Gate Voltage
Fig.3 On-Resistance Variation with
Temperature
Fig.4 Breakdown Voltage Variation vs.
Temperature
Fig.6 Body Diode Forward Voltage
Variation with Source Current and
Temperature
2
4
6
8
1
10
-55
℃
25
℃
150
℃
* Notes ;
1. Vds=30V
V
GS [V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
10
25
℃
150
℃
※ Notes :
1. V
GS = 0 V
2.250s Pulse test
V
SD, Source-Drain Voltage [V]
0
5
10
15
20
25
0
5
10
15
20
25
30
Notes
1. 250㎲ Pulse Test
2. T
C=25
℃
V
gs=4.5V
=5.0V
=5.5V
=6.0V
=6.5V
=7.0V
=7.5V
=8.0V
=10.0V
=15.0V
V
DS,Drain-Source Voltage [V]
0
3
6
9
12
15
18
21
24
27
30
33
36
0.5
0.6
0.7
0.8
0.9
V
GS=10.0V
V
GS=20V
I
D,Drain Current [A]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
※ Notes :
1. V
GS = 10 V
2. I
D
= 7 A
T
J, Junction Temperature [
oC]
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※ Notes :
1. V
GS = 0 V
2. I
D
= 250㎂
T
J, Junction Temperature [
oC]



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com