전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCF4021 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 HCF4021
상세설명  Asynchronous parallel input or synchronous serial-in/serial-out 8-stage static shift register
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4021 데이터시트(HTML) 3 Page - STMicroelectronics

  HCF4021 Datasheet HTML 1Page - STMicroelectronics HCF4021 Datasheet HTML 2Page - STMicroelectronics HCF4021 Datasheet HTML 3Page - STMicroelectronics HCF4021 Datasheet HTML 4Page - STMicroelectronics HCF4021 Datasheet HTML 5Page - STMicroelectronics HCF4021 Datasheet HTML 6Page - STMicroelectronics HCF4021 Datasheet HTML 7Page - STMicroelectronics HCF4021 Datasheet HTML 8Page - STMicroelectronics HCF4021 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DocID008216 Rev 3
3/13
HCF4021
Pin information
13
1
Pin information
Figure 1. Pin connections (top view)
Table 2. Pin description
Pin number
Symbol
Name and function
7, 6, 5, 4, 13, 14, 15, 1
PI-1 to PI-8
Parallel input
11
SERIAL IN
Serial input
9
PARALLEL/SERIAL
CONTROL
Parallel/serial input control
10
CLOCK
Clock input
2, 3, 12
Q6, Q7, Q8
Buffered outputs
8VSS
Negative supply voltage
16
VDD
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13