| 전자부품 데이터시트 검색엔진 |
|
ICS84329AM-01LF 데이터시트(PDF) 13 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS84329AM-01LF 데이터시트(HTML) 13 Page - Integrated Device Technology |
|
13 / 20 page ![]() 84329AM-01 www.idt.com REV. D APRIL 9, 2014 13 843 29-01 700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER POWER CONSIDERATIONS This section provides information on power dissipation and junction temperature for the 84329-01. Equations and example calculations are also provided. 1. Power Dissipation. The total power dissipation for the 84329-01 is the sum of the core power plus the power dissipated in the load(s). The following is the power dissipation for V CC = 3.3V + 5% = 3.465V, which gives worst case results. NOTE: Please refer to Section 3 for details on calculating power dissipated in the load. • Power (core) MAX = VCC_MAX * IEE_MAX = 3.465V * 110mA = 381.2mW • Power (outputs) MAX = 30mW/Loaded Output pair Total Power _MAX (3.465V, with all outputs switching) = 381.2mW + 30mW = 411.2mW 2. Junction Temperature. Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device. The maximum recommended junction temperature for the devices is 125°C. The equation for Tj is as follows: Tj = θ JA * Pd_total + TA Tj = Junction Temperature θ JA = Junction-to-Ambient Thermal Resistance Pd_total = Total Device Power Dissipation (example calculation is in section 1 above) T A = Ambient Temperature In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance θ JA must be used. Assuming a moderate air flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 39.7°C/W per Table 8A below. Therefore, Tj for an ambient temperature of 70°C with all outputs switching is: 70°C + 0.411W * 39.7°C/W = 86.3°C. This is well below the limit of 125°C. This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow, and the type of board (single layer or multi-layer). TABLE 8A. THERMAL RESISTANCE θ JA FOR 28-PIN SOIC, FORCED CONVECTION TABLE 8B. THERMAL RESISTANCE θ JA FOR 28-PIN PLCC, FORCED CONVECTION θ JA by Velocity (Linear Feet per Minute) 0200 500 Single-Layer PCB, JEDEC Standard Test Boards 76.2°C/W 60.8°C/W 53.2°C/W Multi-Layer PCB, JEDEC Standard Test Boards 46.2°C/W 39.7°C/W 36.8°C/W NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs. θ JA by Velocity (Linear Feet per Minute) 0200 500 Multi-Layer PCB, JEDEC Standard Test Boards 37.8°C/W 31.1°C/W 28.3°C/W |