전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M34E04 데이터시트(PDF) 31 Page - STMicroelectronics

부품명 M34E04
상세설명  Enhanced ESD/latch-up protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E04 데이터시트(HTML) 31 Page - STMicroelectronics

Back Button M34E04 Datasheet HTML 24Page - STMicroelectronics M34E04 Datasheet HTML 25Page - STMicroelectronics M34E04 Datasheet HTML 26Page - STMicroelectronics M34E04 Datasheet HTML 27Page - STMicroelectronics M34E04 Datasheet HTML 28Page - STMicroelectronics M34E04 Datasheet HTML 29Page - STMicroelectronics M34E04 Datasheet HTML 30Page - STMicroelectronics M34E04 Datasheet HTML 31Page - STMicroelectronics M34E04 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
DocID023348 Rev 7
31/32
M34E04
Revision history
31
10
Revision history
Table 16. Document revision history
Date
Revision
Changes
20-Jun-2012
1
Initial release
04-Dec-2012
2
Updated the supply voltage, temperature range and data retention in the
list and Table 15.
Updated the first paragraph in Section 1.
Moved Table 2 from section 2.5.4 to Section 3.5. and added note (5).
Moved former section 3.6 to the end of Section 3 and updated it.
Updated VIO Max., VESD Max. and IOL Max. values in Table 6.
Removed text from 1st paragraph of Section 7.
Updated Table 7, Table 9 and Table 12.
Updated different symbols, values and note (2) in Table 13.
Updated Figure 12.
22-May-2013
3
Changed Datasheet status to Datasheet - production data.
Updated UFDFPN8 silhouette on the cover page.
Updated fc and VPDR values, added ICC0 row and updated note (1) in
Table 12: DC characteristics.
Updated fPOFF and tINIT and corresponding notes in Table 13: AC
characteristics.
Updated UFDFPN8 in Table 15: Ordering information scheme.
Changed the temperature range from ‘6’ to ‘8’.
21-Jun-2013
4
Updated Table 15: Ordering information scheme.
Temperature range: changed from ‘8’ to ‘9’.
Plating technology: kept ‘G’ but removed ‘T’.
03-Feb-2014
5
Added Specification JEDEC EE1004.
Updated Figure 11.
27-Jun-2014
6
On Cover page updated Write cycles value and years data retention
value.
Added Table 10: Cycling performance and Table 11: Memory cell data
retention.
12-Nov-2014
7
Updated:
– ECOPACK2® on cover page
– Section 2.1: Serial clock (SCL)
– note 2 on Table 13
– note 1 on Table 15
Added:
– Sentence about Engineering samples after Table 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32