| 전자부품 데이터시트 검색엔진 |
|
M24256-BHR 데이터시트(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24256-BHR 데이터시트(HTML) 19 Page - STMicroelectronics |
|
19 / 37 page ![]() M24512-x, M24256-Bx Device operation 19/37 Figure 11. Read mode sequences 1. The seven most significant bits of the device select code of a Random Read (in the 1st and 4th bytes) must be identical. 3.15 Acknowledge in Read mode For all Read commands, the device waits, after each byte read, for an acknowledgment during the 9th bit time. If the bus master does not drive Serial Data (SDA) Low during this time, the device terminates the data transfer and switches to its Standby mode. Dev sel * Byte addr Byte addr Dev sel Data out 1 AI01105d Data out N Current Address Read Dev sel Data out Random Address Read Dev sel * Data out Sequential Current Read Data out N Dev sel * Byte addr Byte addr Sequential Random Read Dev sel * Data out 1 ACK R/W NO ACK ACK R/W ACK ACK ACK R/W ACK ACK ACK NO ACK R/W NO ACK ACK ACK ACK R/W ACK ACK R/W ACK NO ACK |