| 전자부품 데이터시트 검색엔진 |
|
LM4883SQ 데이터시트(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM4883SQ 데이터시트(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 23 page ![]() Electrical Characteristics for Bridged-Mode Operation (5V) (Notes 3, 7, 13) (Continued) The following specifications apply for V DD = 5V unless otherwise specified. Limits apply for TA = 25˚C. Symbol Parameter Conditions LM4883 Units (Limits) Typical Limit (Note 8) (Note 9) PSRR Power Supply Rejection Ratio Input Floating, 217Hz V ripple = 200mVp-p C B = 1µF, RL =8 Ω 85 dB Input Floating, 1kHz V ripple = 200mVp-p C B = 1µF, RL =8 Ω 80 dB Input grounded, 217Hz V ripple = 200mVp-p C B = 1µF, RL =8 Ω 65 dB Input grounded, 1kHz V ripple = 200mVp-p C B = 1µF, RL =8 Ω 70 dB X TALK Channel Separation f = 1kHz, C B = 1.0µF 82 dB V NO Output Noise Voltage 1kHz, A-weighted 21 µV Electrical Characteristics for Single-Ended Operation (5V) (Notes 3, 7, 13) The following specifications apply for V DD = 5V unless otherwise specified. Limits apply for TA = 25˚C. Symbol Parameter Conditions LM4883 Units (Limits) Typical Limit (Note 8) (Note 9) P O Output Power THD+N = 0.5%,f=1 kHz, R L =32 Ω 90 75 mW (min) THD+N = 1%,f=1 kHz, R L =8 Ω 325 mW THD+N = 10%,f=1 kHz, R L =8 Ω 400 mW THD+N Total Harmonic Distortion+Noise P O = 20mW, 1kHz, RL =32 Ω 0.015 % PSRR Power Supply Rejection Ratio Input Floating, 217Hz V ripple = 200mVp-p C B = 1µF, RL =8 Ω 70 dB Input Floating, 1kHz V ripple = 200mVp-p C B = 1µF, RL =8 Ω 72 dB Input grounded, 217Hz V ripple = 200mVp-p C B = 1µF, RL =8 Ω 65 dB Input grounded, 1kHz V ripple = 200mVp-p C B = 1µF, RL =8 Ω 70 dB X TALK Channel Separation f = 1kHz, C B = 1.0µF 80 dB V NO Output Noise Voltage 1kHz, A-weighted 11 µV www.national.com 4 |