전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMV820 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 LMV820
상세설명  Tiny packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV820 데이터시트(HTML) 3 Page - STMicroelectronics

  LMV820 Datasheet HTML 1Page - STMicroelectronics LMV820 Datasheet HTML 2Page - STMicroelectronics LMV820 Datasheet HTML 3Page - STMicroelectronics LMV820 Datasheet HTML 4Page - STMicroelectronics LMV820 Datasheet HTML 5Page - STMicroelectronics LMV820 Datasheet HTML 6Page - STMicroelectronics LMV820 Datasheet HTML 7Page - STMicroelectronics LMV820 Datasheet HTML 8Page - STMicroelectronics LMV820 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
DocID022467 Rev 4
3/32
LMV82x, LMV82xA
Package pin connections
32
1
Package pin connections
Figure 1. Pin connections for each package (top view)
1.
The exposed pad of DFN8 2x2 can be connected to VCC- or left floating.
MiniSO8
TSSOP14 / SO14
MiniSO10
TSSOP16
DFN8 2x2(1)
SC70-5 / SOT23-5
SOT23-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32