| 전자부품 데이터시트 검색엔진 |
|
716P22398L 데이터시트(PDF) 5 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
716P22398L 데이터시트(HTML) 5 Page - Cornell Dubilier Electronics |
|
5 / 15 page ![]() Type 716P Standard Sizes/Ratings 2 .0082 .009 .01 .012 .015 .018 .022 .025 .027 .033 .039 .047 .05 .056 .062 .068 .075 .082 .09 .1 .12 .15 .18 .20 .22 .25 .27 .30 .33 716P82291N 716P90291N 716P10391N 716P12391N 716P15391N 716P18391N 716P22391N 716P25391N 716P27391N 716P33391N 716P39391N 716P47391N 716P50391J 716P56391J 716P62391J 716P68391J 716P75391J 716P82391J 716P90391J 716P10491J 716P12491K 716P15491K 716P18491K 716P20491K 716P22491K 716P25491K 716P27491K 716P30491L 716P33491L .57 (14.5) .57 (14.5) .57 (14.5) .57 (14.5) .57 (14.5) .57 (14.5) .57 (14.5) .57 (14.5) .57 (14.5) .57 (14.5) .57 (14.5) .57 (14.5) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .90 (22.9) .90 (22.9) .90 (22.9) .90 (22.9) .90 (22.9) .90 (22.9) .90 (22.9) 1.25 (31.8) 1.25 (31.8) .23 (5.8) .24 (6.1) .24 (6.1) .23 (5.8) .25 (6.4) .26 (6.6) .28 (7.1) .29 (7 4) .27 (6.9) .29 (7 4) .31 (7.9) .34 (8.6) .28 (7 1) .29 (7 4) .31 (7.9) .32 (8.1) .33 (8.4) .35 (8.9) .36 (9.1) .38 (9.7) .33 (8.4) .37 (9.4) .40 (10.2) .42 (10.7) .44 (11.2) .47(11.9) .49 (12.4) .41 (10.4) .42(10.7) .36 (9.1) .37 (9.4) .38 (9.7) .37 (9.4) .39 (9.9) .42 (10.7) .44(11.2) .45 (11.4) .50 (12.7) .53 (13.5) .55 (14.0) .58 (14.7) .52 (13.2) .53 (13.5) .54 (13.7) .56 (14.2) .57 (14.5) .59 (15.0) .60 (15.2) .62 (15.7) .57 (14.5) .61 (15.5) .64 (16.3) .66 (16.8) .68 (17.3) .71 (18.0) .73 (18.5) .65 (16.5) .67 (17.0) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0:8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .040 (1.0) .040 (1.0) Value µF Part Number 1 L max T max H max 100 VDC / 70 VAC* d Value µF Part Number 1 L max T max H max d 200 VDC / 155 VAC* .18 .22 .27 .33 .39 .47 .56 .68 .82 1.0 716P18492L 716P22492L 716P27492L 716P33492L 716P39492L 716P47492L 716P56492L 716P68492M 716P82492M 716P10592M 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.65 (41.9) 1.65 (41.9) 1.65 (41.9) .39 (9.9) .43 (10.9) .47 (11.9) .47 (11.9) .51 (13.0) .56 (14.2) .61 (15.5) .56 (14.2) .61 (15.5) .68 (17.3) .67 (17.0) .71 (18.0) .75 (19.1) .86 (21.8) .90 (22.9) .95 (24.1) 1.00 (25.4) .94 (23.9) 1.00 (25.4) 1.07 (27.2) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .001 .0012 .0015 .0018 .0022 .0027 .0033 .0039 .0047 .0056 .0068 .0082 .01 .012 .015 .018 .022 .027 .033 .039 .047 .056 .068 .082 .1 .12 .15 .18 .22 .27 .33 .39 .47 716P10294J 716P12294J 716P15294J 716P18294J 716P22294J 716P27294J 716P33294J 716P39294J 716P47294J 716P56294J 716P68294J 716P82294J 716P10394J 716P12394J 716P15394J 716P18394K 716P22394K 716P27394K 716P33394K 716P39394K 716P47394K 716P56394K 716P68394K 716P82394L 716P10494L 716P12494L 716P15494L 716P18494L 716P22494L 716P27494L 716P33494M 716P39494M 716P47494M .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .90 (22.9) .90 (22.9) .90 (22.9) .90 (22.9) .90 (22.9) .90 (22.9) .90 (22.9) .90 (22.9) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.65 (41.9) 1.65 (41.9) 1.65 (41.9) .25 (6.4) .22 (5.6) .24 (6.1) .25 (6.4) .26 (6.6) .24 (6.1) .24 (6.1) .24 (6.1) .25 (6.4) .24 (6.1) .24 (6.1) .25 (6.4) .27 (6.9) .29 (7.4) .31 (7.9) .28 (7.1) .30 (7.6) .31 (7.9) .33 (8.4) .36 (9.1) .39 (9.9) .40 (10.2) .43 (10.9) .38 (9.7) .42 (10.7) .45 (11.4) .46 (11.7) .50 (12.7) .57 (14.5) .63 (16.0) .57 (14.5) .62 (15.7) .68 (17.3) .47 (11.9) .44(11.2) .45 (11.4) .46 (11.7) .48 (12.2) .45 (11.4) .45(11.4) .36 (9.1) .37 (9.4) .44 (11.2) .44(11.2) .45 (11.4) .46 (11.7) .48 (12.2) .50 (12.7) .47 (11.9) .49 (12.4) .55 (14.0) .57 (14.5) .60 (15.2) .62 (15.7) .68 (17.3) .72 (18.3) .67 (17.0) .70 (17.8) .73 (18.5) .84 (21.3) .89 (22.6) .95 (24.1) 1.01 (25.7) .96 (24.4) 1.01 (25.7) 1.07 (27.2) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .01 .012 .015 .018 .022 .027 .033 .039 .047 .056 .068 .082 .1 .12 .15 716P10392J 716P12392J 716P15392J 716P18392J 716P22392J 716P27392J 716P33392J 716P39392J 716P47392J 716P56392K 716P68392K 716P82392K 716P10492K 716P12492K 716P15492K .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .90 (22.9) .90 (22.9) .90 (22.9) .90 (22.9) .90 (22.9 .90 (22.9) .25 (6.4) .27 (6.9) .26 (6.6) .25 (6.4) .27 (6.9) .29 (7 4) .32 (8.1) .32 (8.1) .34 (8.6) .30 (7.6) .33 (8.4) .36 (9.1) .39 (9.9) .40 (10.2) .45 (11.4) .37 (9.4) .39 (9.9) .45 (11.4) .45(11.4) .46 (11.7) .48 (12.2) .51 (13.0) .56 (14.2) .58 (14.7) .55 (14.0) .57 (14.5) .60 (15.2) .63 (16.0) .69 (17.5) .73 (18.5) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) 200 VDC / 155 VAC* 400 VDC / 200 VAC* * Please refer to performance curves for RMS Voltage vs. Frequency characteristics. Dimensions in inches, metric (mm) in parenthesis. 1 To complete part number for proper tolerance, terminal style and lead length please refer to Ordering/Part Number Information page. 2 Type 716P capacitors are available through the CDE Distribution Network on special order. High Performance CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 Type 7 1 olypropylene Film/Foil Capacitors 6 P, Orange Drop, P |