| 전자부품 데이터시트 검색엔진 |
|
716P39398L 데이터시트(PDF) 6 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
716P39398L 데이터시트(HTML) 6 Page - Cornell Dubilier Electronics |
|
6 / 15 page ![]() Type 716P Standard Sizes/Ratings 2 Value µF Part Number 1 L max T max H max d 600 VDC / 200 VAC* Value µF Part Number 1 L max T max H max d 1000 VDC / 450 VAC* 1200 VDC / 475 VAC* 800 VDC / 450 VAC* .001 .0012 .0015 .0018 .0022 .0027 .0033 .0039 .0047 .0056 .0068 .0082 .01 .012 .015 .018 .022 .027 .033 .039 .047 .056 .068 .082 .1 .12 .15 .18 .22 716P10296J 716P12296J 716P15296J 716P18296J 716P22296J 716P27296J 716P33296J 716P39296J 716P47296J 716P56296J 716P68296J 716P82296J 716P10396J 716P12396K 716P15396K 716P18396K 716P22396K 716P27396K 716P33396K 716P39396K 716P47396L 716P56396L 716P68396L 716P82396L 716P10496L 716P12496L 716P15496M 716P18496M 716P22496M .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .70 (17.8) .90 (22.9) .90 (22.9) .90 (22.9) .90 (22.9) .90 (22.9) .90 (22.9) .90 (22.9) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.65 (41.9) 1.65 (41.9) 1.65 (41.9) .27 (6.9) .24 (6.1) .26 (6.6) .27 (6.9) .28 (7.1) .25 (6.4) .25 (6.4) .26 (6.6) .28 (7.1) .30 (7.6) .32 (8.1) .32 (8.1) .34 (8.6) .31 (7.9) .34 (8.6) .36 (9.1) .39 (9.9) .41 (10.4) .44 (11.2) .48(12.2) .42 (10.7) .45 (11.4) .45 (11.4) .49 (12.4) .54 (13.7) .59 (15.0) .55 (14.0) .59 (15.0) .65 (16.5) .46 (11.7) .44(11.2) .45(11.4) .46(11.7) .48 (12.2) .44(11.2) .45 (11.4) .46 (11.7) .47 (11.9) .49 (12.4) .51 (13.0) .56 (14.2) .58 (14.7) .55 (14.0) .58 (14.7) .60 (15.2) .63 (16.0) .69 (17.5) .73 (18.5) .76 (19.3) .70 (17.8) .73 (18.5) .84 (21.3) .88 (22.4) .93 (23.6) .97 (24.6) .93 (23.6) .98 (24.9) 1.04 (25.7) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .0056 .0068 .0082 .01 .012 .015 .018 .022 .027 .033 .039 .047 .056 .068 .082 .1 .12 .14 716P56298L 716P68298L 716P82298L 716P10398L 716P12398L 716P15398L 716P18398L 716P22398L 716P27398L 716P33398L 716P39398L 716P47398L 716P56398L 716P68398L 716P82398M 716P10498M 716P12498M 716P14498M 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.65 (41.9) 1.65 (41.9) 1.65 (41.9) 1.65 (41.9) .25 (6.4) .27 (6.9) .29 (7.4) .29 (7.4) .31 (7.9) .34 (8.6) .37 (9.4) .38 (9.7) .42 (10.7) .46 (11.7) .46 (11.7) .50 (12.7) .54 (13.7) .59 (15.0) .52 (13.2) .57 (14.5) .62 (15.7) .67 (17.0) .45 (11.4) .46(11.7) .48 (12.2) .53 (13.5) .55 (14.0) .58 (14.7) .61 (15.5) .67 (17.0) .70 (17.8) .74 (18.8) .84 (21.3) .88 (22.4) .93 (23.6) .98 (24.9) .90 (22.9) .96 (24.4) 1.01 (25.7) 1.06 (27.0) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .0056 .0068 .0082 .01 .012 .015 .018 .022 .027 .033 .039 .047 .056 .068 .082 .1 .12 .14 716P562910L 716P682910L 716P822910L 716P103910L 716P123910L 716P153910L 716P183910L 716P223910L 716P273910L 716P333910L 716P393910L 716P473910L 716P563910L 716P683910L 716P823910M 716P104910M 716P124910M 716P144910M 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.65 (41.9) 1.65 (41.9) 1.65 (41.9) 1.65 (41.9) .25 (6.4) .27 (6.9) .29 (7.4) .29 (7.4) .31 (7.9) .34 (8.6) .37 (9.4) .38 (9.7) .42 (10.7) .46(11.7) .46(11.7) .50 (12.7) .54 (13.7) .59 (15.0) .52 (13.2) .57 (14.5) .62 (15.7) .67 (17.0) .45(11.4) .46(11.7) .48 (12.2) .53 (13.5) .55 (14.0) .58 (14.7) .61 (15.5) .67 (17.0) .70 (17.8) .74 (18.8) .84 (21.3) .88 (22.4) .93 (23.6) .98 (24.9) .90 (22.9) .96 (24.4) 1.01 (25.7) 1.06 (27.0) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) .001 .0012 .0015 .0018 .0022 .0027 .0033 .0039 .0047 .0056 .0068 .0082 .01 .012 .015 .018 .022 .027 .033 .039 .047 .056 716P102912L 716P122912L 716P152912L 716P182912L 716P222912L 716P272912L 716P332912L 716P392912L 716P472912L 716P562912L 716P682912L 716P822912L 716P103912L 716P123912L 716P153912L 716P183912L 716P223912L 716P273912L 716P333912M 716P393912M 716P473912M 716P563912M 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.25 (31.8) 1.65 (41.9) 1.65 (41.9) 1.65 (41.9) 1.65 (41.9) .23 (5.8) .24 (6.1) .25 (6.4) .27 (6.9) .29 (7.4) .28 (7.1) .30 (7.6) .30 (7.6) .32 (8.1) .34 (8.6) .37 (9.4) .38 (9.7) .42 (10.7) .45 (11.4) .46(11.7) .50 (12.7) .54 (13.7) .60 (15.2) .53 (13.5) .57 (14.5) .62 (15.7) .68 (17.3) .45 .46 .47 .49 .51 .48 .49 .54 .56 .58 .61 .67 .70 .73 .84 .88 .93 .99 .91 .96 1.01 1.07 (11.4) (11.7) (11.9) (12.4) (13.0) (12.2) (12.4) (13.7) (14.2) (14.7) (15.5) (17.0) (17.8) (18.5) (21.3) (22.4) (23.6) (25.1) (23.1) (24.4) (25.7) (27.2) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .032 (0.8) .040 (1.0) .040 (1.0) .040 (1.0) .040 (1.0) * Please refer to performance curves for RMS Voltage vs. Frequency characteristics. 1 To complete part number for proper tolerance, terminal style and lead length please refer to Ordering/Part Number Information page. 2 Type 716P capacitors are available through the CDE Distribution Network on special order. Dimensions in inches, metric (mm) in parenthesis. High Performance CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 Type 7 1 olypropylene Film/Foil Capacitors 6 P, Orange Drop, P |