전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OA1ZHA22C 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 OA1ZHA22C
상세설명  Fitness and healthcare
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA1ZHA22C 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button OA1ZHA22C Datasheet HTML 19Page - STMicroelectronics OA1ZHA22C Datasheet HTML 20Page - STMicroelectronics OA1ZHA22C Datasheet HTML 21Page - STMicroelectronics OA1ZHA22C Datasheet HTML 22Page - STMicroelectronics OA1ZHA22C Datasheet HTML 23Page - STMicroelectronics OA1ZHA22C Datasheet HTML 24Page - STMicroelectronics OA1ZHA22C Datasheet HTML 25Page - STMicroelectronics OA1ZHA22C Datasheet HTML 26Page - STMicroelectronics OA1ZHA22C Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
OA1ZHA, OA2ZHA, OA4ZHA
Application information
DocID025994 Rev 2
23/35
5.11
Application examples
5.11.1
Oxygen sensor
The electrochemical sensor creates a current proportional to the concentration of the gas
being measured. This current is converted into voltage thanks to R resistance. This voltage
is then amplified by OA1ZHA, OA2ZHA and OA4ZHA CMOS op amp (see Figure 47:
"Oxygen sensor principle schematic").
Figure 47: Oxygen sensor principle schematic
The output voltage is calculated using Equation 2:
Equation 2
As the current delivered by the O2 sensor is extremely low, the impact of the Vio can
become significant with a traditional operational amplifier. The use of the chopper amplifier
of the OA1ZHA, OA2ZHA and OA4ZHA is perfect for this application.
In addition, using OA1ZHA, OA2ZHA and OA4ZHA op amp for the O2 sensor application
ensures that the measurement of O2 concentration is stable even at different temperature
thanks to a very good ∆Vio/∆T.
V
ou t
I
R
V
io
R
2
R
1
1
+
×
–
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35