전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST3243EB 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 ST3243EB
상세설명  Guaranteed 6 V/ms slew rate range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243EB 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button ST3243EB Datasheet HTML 8Page - STMicroelectronics ST3243EB Datasheet HTML 9Page - STMicroelectronics ST3243EB Datasheet HTML 10Page - STMicroelectronics ST3243EB Datasheet HTML 11Page - STMicroelectronics ST3243EB Datasheet HTML 12Page - STMicroelectronics ST3243EB Datasheet HTML 13Page - STMicroelectronics ST3243EB Datasheet HTML 14Page - STMicroelectronics ST3243EB Datasheet HTML 15Page - STMicroelectronics ST3243EB Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Package mechanical data
ST3243EB, ST3243EC
12/16
Doc ID 8648 Rev 12
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16