전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STHDMI001A 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 STHDMI001A
상세설명  3.3V, high bandwith, 2-to-1 high definition multimedia interface (HDMI) switch with single enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDMI001A 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button STHDMI001A Datasheet HTML 9Page - STMicroelectronics STHDMI001A Datasheet HTML 10Page - STMicroelectronics STHDMI001A Datasheet HTML 11Page - STMicroelectronics STHDMI001A Datasheet HTML 12Page - STMicroelectronics STHDMI001A Datasheet HTML 13Page - STMicroelectronics STHDMI001A Datasheet HTML 14Page - STMicroelectronics STHDMI001A Datasheet HTML 15Page - STMicroelectronics STHDMI001A Datasheet HTML 16Page - STMicroelectronics STHDMI001A Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STHDMI001A
5 ESD performance
13/17
5
ESD performance
Table 10.
Esd performance
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ESD
All IOs
Human Body Model (HBM)
±2
kV
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17