전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STOD13AM 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 STOD13AM
상세설명  Step-up and inverter converters
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13AM 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button STOD13AM Datasheet HTML 10Page - STMicroelectronics STOD13AM Datasheet HTML 11Page - STMicroelectronics STOD13AM Datasheet HTML 12Page - STMicroelectronics STOD13AM Datasheet HTML 13Page - STMicroelectronics STOD13AM Datasheet HTML 14Page - STMicroelectronics STOD13AM Datasheet HTML 15Page - STMicroelectronics STOD13AM Datasheet HTML 16Page - STMicroelectronics STOD13AM Datasheet HTML 17Page - STMicroelectronics STOD13AM Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Detailed description
STOD13AM
14/25
Doc ID 023747 Rev 1
6.2
Negative output voltage levels
6.3
Enable, SWIRE and FD
Note:
FD function is only controlled by the FD pin. It is not related to enable block.
Table 7.
Negative output voltage levels
Pulse
VO2
Pulse
VO2
Pulse
VO2
1
-5.411-4.421-3.4
2
-5.312-4.322-3.3
3
-5.213-4.223-3.2
4
-5.114-4.124-3.1
5
-5.015-4.025-3.0
6 (1)
1.
Default value.
-4.9
16
-3.9
26
-2.9
7
-4.817-3.827-2.8
8
-4.718-3.728-2.7
9
-4.619-3.629-2.6
10
-4.5
20
-3.5
30
-2.5
31
-2.4
Table 8.
Enable and SWIRE operation table (1)
1.
The Enable pin must be set to AGND while using the SWIRE function.
Enable
SWIRE
Action
Low
Low
Device off
Low
High
Negative output set by SWIRE
High
Low
Default negative output voltage
High
High
Default negative output voltage
Table 9.
Fast discharge operation table
FD pin
Action
Low
Fast discharge active after IC shutdown
High
No fast discharge function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25