전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STOD13AS 데이터시트(PDF) 21 Page - STMicroelectronics

부품명 STOD13AS
상세설명  Synchronous rectification for both DC-DC converters
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13AS 데이터시트(HTML) 21 Page - STMicroelectronics

Back Button STOD13AS Datasheet HTML 17Page - STMicroelectronics STOD13AS Datasheet HTML 18Page - STMicroelectronics STOD13AS Datasheet HTML 19Page - STMicroelectronics STOD13AS Datasheet HTML 20Page - STMicroelectronics STOD13AS Datasheet HTML 21Page - STMicroelectronics STOD13AS Datasheet HTML 22Page - STMicroelectronics STOD13AS Datasheet HTML 23Page - STMicroelectronics STOD13AS Datasheet HTML 24Page - STMicroelectronics STOD13AS Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
STOD13AS
Package mechanical data
Doc ID 022733 Rev 1
21/25
Figure 14.
DFN12L (3 x 3) drawing
Table 10.
DFN12L (3 x 3) mechanical data
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Typ.
A
0.51
0.55
0.60
0.020
0.022
0.024
A1
0
0.02
0.05
0
0.001
0.002
A3
0.20
0.008
b
0.18
0.25
0.30
0.007
0.010
0.012
D
2.85
3
3.15
0.112
0.118
0.124
D2
1.87
2.02
2.12
0.074
0.080
0.083
E
2.85
3
3.15
0.112
0.118
0.124
E2
1.06
1.21
1.31
0.042
0.048
0.052
e
0.45
0.018
L
0.30
0.40
0.50
0.012
0.016
0.020
8085116-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25