전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP5907 데이터시트(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
부품명 LP5907
상세설명  250-mA Ultra-Low-Noise, Low-IQ LDO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 데이터시트(HTML) 16 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 12Page - Texas Instruments LP5907 Datasheet HTML 13Page - Texas Instruments LP5907 Datasheet HTML 14Page - Texas Instruments LP5907 Datasheet HTML 15Page - Texas Instruments LP5907 Datasheet HTML 16Page - Texas Instruments LP5907 Datasheet HTML 17Page - Texas Instruments LP5907 Datasheet HTML 18Page - Texas Instruments LP5907 Datasheet HTML 19Page - Texas Instruments LP5907 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
20 s/DIV
VOUT
1V/DIV
EN
1V/DIV
SVA-30180515
100 s/DIV
VOUT
100 mV/DIV
LOAD
200 mA/DIV
SVA-30180514
16
LP5907
SNVS798L – APRIL 2012 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LP5907
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
8.2.3 Application Curves
Figure 22. Start-Up
Figure 23. Load Transient Response
9 Power Supply Recommendations
This device is designed to operate from an input supply voltage range of 2.2 V to 5.5 V. The input supply must
be well regulated and free of spurious noise. To ensure that the LP5907 output voltage is well regulated and
dynamic performance is optimum, the input supply must be at least VOUT + 1 V. A minimum capacitor value of 1
µF is required to be within 1 cm of the IN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com