전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HDMI2C2-14HD 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 HDMI2C2-14HD
상세설명  ESD protection and signal booster for HDMI??1.4 sink interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI2C2-14HD 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button HDMI2C2-14HD Datasheet HTML 21Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 22Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 23Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 24Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 25Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 26Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 27Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 28Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
DocID024813 Rev1
25/31
HDMI2C2-14HD
Package information
31
Figure 24. QFN footprint recommendation (dimensions in mm)
Table 9. QFN dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.85
0.90
0.95
0.033
0.035
0.037
A1
0.00
0.05
0.000
0.002
b
0.18
0.25
0.30
0.007
0.010
0.012
D
3.40
3.50
3.60
0.134
0.137
0.141
D2
2.25
2.30
2.35
0.088
0.090
0.092
E
6.40
6.50
6.60
0.251
0.255
0.259
E2
5.25
5.30
5.35
0.206
0.208
0.210
e
0.50
0.020
La
0.00
0.10
0.20
0.00
0.004
0.008
Lb
0.15
0.25
0.30
0.006
0.01
0.012
Lc
0.20
0.30
0.40
0.008
0.012
0.016
ddd
0.09
0.003
0.30
0.50
0.25
0.45
5.30
0.25
2.30
0.23
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31