전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9658TR 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 L9658TR
상세설명  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658TR 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button L9658TR Datasheet HTML 23Page - STMicroelectronics L9658TR Datasheet HTML 24Page - STMicroelectronics L9658TR Datasheet HTML 25Page - STMicroelectronics L9658TR Datasheet HTML 26Page - STMicroelectronics L9658TR Datasheet HTML 27Page - STMicroelectronics L9658TR Datasheet HTML 28Page - STMicroelectronics L9658TR Datasheet HTML 29Page - STMicroelectronics L9658TR Datasheet HTML 30Page - STMicroelectronics L9658TR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
L9658
Functional description
Doc ID 14219 Rev 3
27/64
4.10.2
Continuity diagnostic
A continuity diagnostic includes a short to battery, a short to ground and an open circuit
diagnostics.
During a continuity diagnostic, IBIAS is switched on. On a normal loading condition, SQH
voltage is below SBTH threshold and SQL voltage will be above SGTH threshold.
Figure 14.
Continuity diagnostic flow chart
4.10.3
Short to battery
A short to battery condition will be detected when the voltage on SQH is greater than SBTH
threshold voltage.
4.10.4
Short to ground and open circuit
A short to ground or an open circuit conditions are detected when the voltage on SQL is less
than SGTH threshold voltage. A resistance measurement is utilized to differentiate between
a short to ground or an open circuit conditions.
BEGIN
SQH > SB
th
during t
FLT_DLY
END
SPI Command:
Connect I
BIAS
SQL < SG
th
during t
FLT_DLY
Clear SBth and SGth bits
Disconnect I
BIAS
Y
SPI Response:
Send SBth and SGth bits
Set SPI.Diag.SB
TH
Set SPI.Diag.SG
TH
SPI Command:
Disconnect I
BIAS
N
Y
t
FLT_DLY= 20μ
s
N
Note:
SPI Transmission and SPI
Command can be sent in
the same CS_D.
SPI Transmission
Y
Y
Clear SPI.Diag.SG
TH
Clear SPI.Diag.SB
TH
N
SQH < SB
th
during t
FLT_DLY
N
SQL > SG
th
during t
FLT_DLY
Y
Y
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64